Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H562RI Fiches technique(PDF) 94 Page - STMicroelectronics

No de pièce STM32H562RI
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RI Fiches technique(HTML) 94 Page - STMicroelectronics

Back Button STM32H562RI Datasheet HTML 90Page - STMicroelectronics STM32H562RI Datasheet HTML 91Page - STMicroelectronics STM32H562RI Datasheet HTML 92Page - STMicroelectronics STM32H562RI Datasheet HTML 93Page - STMicroelectronics STM32H562RI Datasheet HTML 94Page - STMicroelectronics STM32H562RI Datasheet HTML 95Page - STMicroelectronics STM32H562RI Datasheet HTML 96Page - STMicroelectronics STM32H562RI Datasheet HTML 97Page - STMicroelectronics STM32H562RI Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 270 page
background image
-
-
-
B8
135
D9
-
-
-
B10
135
D9
-
VSS
S
-
-
-
-
-
-
-
A8
136
D8
-
-
-
A10
136
C9
-
VDD
S
-
-
-
-
E3
76
109 C10 137
B13
49
76
109
A12
137
A14
52
PA14
(JTCK/SWCLK)
I/O
FT
(7)
JTCK/SWCLK, EVENTOUT
-
D4
77
110
B10
138 C13
50
77
110
B11
138
A13
53
PA15(JTDI)
I/O
FT
(7)
JTDI, TIM2_CH1, LPTIM3_IN2,
HDMI_CEC, SPI1_NSS/I2S1_WS,
SPI3_NSS/I2S3_WS, SPI6_NSS,
UART4_RTS/UART4_DE,
UART7_TX, FMC_NBL1,
DCMI_D11/PSSI_D11, TIM2_ETR,
EVENTOUT
-
C3
78
111
A10
139 D12
51
78
111
C10 139
B14
54
PC10
I/O
FT_h
-
LPTIM3_ETR,
SPI3_SCK/I2S3_CK,
USART3_TX, UART4_TX,
OCTOSPI1_IO1,
ETH_MII_TXD0/ETH_RMII_TXD0,
SDMMC1_D2,
DCMI_D8/PSSI_D8, EVENTOUT
-
E5
79
112
A9
140 C12
52
79
112
A11
140
B13
55
PC11
I/O
FT_h
-
LPTIM3_IN1,
SPI3_MISO/I2S3_SDI,
USART3_RX, UART4_RX,
OCTOSPI1_NCS, SDMMC1_D3,
DCMI_D4/PSSI_D4, EVENTOUT
-
F6
80
113
D9
141
C11
53
80
113
B9
141
A12
56
PC12
I/O
FT_h
-
TRACED3, TIM15_CH1,
SPI6_SCK,
SPI3_MOSI/I2S3_SDO,
USART3_CK, UART5_TX,
SDMMC1_CK,
DCMI_D9/PSSI_D9, EVENTOUT
-
Table 14. STM32H562xx and STM32H563xx pin/ball definition (continued)
Pin number(1)(2)
Pin name
(function
after
reset)(3)(4)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com