Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADIN6310BBCZ Fiches technique(PDF) 17 Page - Analog Devices

No de pièce ADIN6310BBCZ
Description  Industrial Ethernet Time Sensitive Networking Switch
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADIN6310BBCZ Fiches technique(HTML) 17 Page - Analog Devices

Back Button ADIN6310BBCZ Datasheet HTML 13Page - Analog Devices ADIN6310BBCZ Datasheet HTML 14Page - Analog Devices ADIN6310BBCZ Datasheet HTML 15Page - Analog Devices ADIN6310BBCZ Datasheet HTML 16Page - Analog Devices ADIN6310BBCZ Datasheet HTML 17Page - Analog Devices ADIN6310BBCZ Datasheet HTML 18Page - Analog Devices ADIN6310BBCZ Datasheet HTML 19Page - Analog Devices ADIN6310BBCZ Datasheet HTML 20Page - Analog Devices ADIN6310BBCZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 86 page
background image
Data Sheet
ADIN3310/ADIN6310
TIMING CHARACTERISTICS
analog.com
Rev. A | 17 of 86
SGMII SERIAL INTERFACE TRANSMIT AND RECEIVE TIMING
Table 7. Serial Interface Transmit and Receive Timing1
Parameter
Description
Min
Typ
Max
Unit
SGMII, 1000BASE-KX, 1000BASE-LX, and 1000BASE-SX signaling speed
1.25
GBd
100BASE-FX signaling speed
0.125
GBd
t1
SGMII rise time (20% to 80%)
200
ps
1000BASE-KX rise time
320
ps
t2
SGMII fall time (20% to 80%)
200
ps
1000BASE-KX fall time
320
ps
t3
STX output differential skew (STXP vs. STXN)2
20
ps
t4
STX total jitter
0.24
UI
t5
SRX total jitter tolerated
0.749
UI
1 Specifications may be subject to change.
2 Guaranteed by design.
Figure 8. SGMII Transmit Timing
Figure 9. SGMII Receive Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com