Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADIN6310BBCZ Fiches technique(PDF) 14 Page - Analog Devices

No de pièce ADIN6310BBCZ
Description  Industrial Ethernet Time Sensitive Networking Switch
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADIN6310BBCZ Fiches technique(HTML) 14 Page - Analog Devices

Back Button ADIN6310BBCZ Datasheet HTML 10Page - Analog Devices ADIN6310BBCZ Datasheet HTML 11Page - Analog Devices ADIN6310BBCZ Datasheet HTML 12Page - Analog Devices ADIN6310BBCZ Datasheet HTML 13Page - Analog Devices ADIN6310BBCZ Datasheet HTML 14Page - Analog Devices ADIN6310BBCZ Datasheet HTML 15Page - Analog Devices ADIN6310BBCZ Datasheet HTML 16Page - Analog Devices ADIN6310BBCZ Datasheet HTML 17Page - Analog Devices ADIN6310BBCZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 86 page
background image
Data Sheet
ADIN3310/ADIN6310
TIMING CHARACTERISTICS
analog.com
Rev. A | 14 of 86
MANAGEMENT INTERFACE TIMING
Table 3. Management Interface Timing1, 2
Parameter
Description
Min
Typ
Max
Unit
MDC duty cycle
45
50
55
ns
t1
MDC period3
175
400
4096
ns
t2
MDC rise and fall time
15
ns
t3
MDIO input setup time to MDC rising edge
21
ns
t4
MDIO input signal hold time to MDC
0
ns
t5
MDIO output delay to MDC
0
15
ns
1 Specifications may be subject to change.
2 Measured with a CL of 100 pF (routing to up to six Ethernet PHYs, includes pin capacitance and trace capacitance). Timing parameters measured from 10% to 90%.
3 The typical parameters correspond to the maximum MDC frequency of 2.5 MHz as specified in the IEEE 802.3 standard.
Figure 4. Management Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com