| Moteur de recherche de fiches techniques de composants électroniques |
|
ADIN6310BBCZ Fiches technique(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADIN6310BBCZ Fiches technique(HTML) 13 Page - Analog Devices |
|
13 / 86 page ![]() Data Sheet ADIN3310/ADIN6310 TIMING CHARACTERISTICS analog.com Rev. A | 13 of 86 POWER-UP, POWER-DOWN, AND RESET TIMING Table 2. Power-Up Timing1, 2 Parameter Description Min Typ Max Unit tRAMP Power supply ramp time3 0.1 40 ms t1 Time from last power supply being applied to crystal settling 3 ms t2 Time from last supply being applied to RESET_N released 100 μs t3 RESET_N rise time 100 ns t4 Strap input setup time to RESET_N release 5 μs t5 Strap input hold time to RESET_N release 2 μs t6 RESET_N low time 10 μs t7 RESET_N low prior to supplies powering down 10 μs t8 RESET_N release to SPI interface available4 230 310 ms RESET_N release to the RGMII MAC interface available. 270 350 ms 1 Specifications may be subject to change. 2 No specific power sequence is required; however, the preferred sequence has VDDCORE applied last and removed first. Example ordering sequence is VDD3P3 → VDDIO_A → VDDCORE and this order is reversed when powering down. 3 Applies to all supply rails. 4 Includes bootloader and software configuration time. Figure 3. Power-Up, Power-Down, and Reset Timing |