Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HE84770D Fiches technique(PDF) 17 Page - King blillion Electronics Co.,Ltd.

No de pièce HE84770D
Description  8-bit Micro-controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KB [King blillion Electronics Co.,Ltd.]
Site Internet  
Logo KB - King blillion Electronics Co.,Ltd.

HE84770D Fiches technique(HTML) 17 Page - King blillion Electronics Co.,Ltd.

Back Button HE84770D Datasheet HTML 13Page - King blillion Electronics Co.,Ltd. HE84770D Datasheet HTML 14Page - King blillion Electronics Co.,Ltd. HE84770D Datasheet HTML 15Page - King blillion Electronics Co.,Ltd. HE84770D Datasheet HTML 16Page - King blillion Electronics Co.,Ltd. HE84770D Datasheet HTML 17Page - King blillion Electronics Co.,Ltd. HE84770D Datasheet HTML 18Page - King blillion Electronics Co.,Ltd. HE84770D Datasheet HTML 19Page - King blillion Electronics Co.,Ltd. HE84770D Datasheet HTML 20Page - King blillion Electronics Co.,Ltd. HE84770D Datasheet HTML 21Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HE84770D
HE80000 SERIES
August 7, 2006
Page 17 of 29
V1.2
This specification is subject to change without notice. Please contact sales person for the latest version before use.
PRT170
SEG0
PRT170
PRT171
SEG1
PRT171
PRT172
SEG2
PRT172
PRT173
SEG3
PRT173
PRT174
SEG4
PRT174
PRT175
SEG5
PRT175
PRT176
SEG6
PRT176
PRT177
SEG7
PRT177
PRT150
SEG8
PRT150
PRT151
SEG9
PRT151
PRT152
SEG10
PRT152
PRT153
SEG11
PRT153
PRT154
SEG12
PRT154
PRT155
SEG13
PRT155
PRT156
SEG14
PRT156
PRT157
SEG15
PRT157
PRT140
SEG16
PRT140
PRT141
SEG17
PRT141
PRT142
SEG18
PRT142
PRT143
SEG19
PRT143
PRT144
SEG20
PRT144
PRT145
SEG21
PRT145
PRT146
SEG22
PRT146
PRT147
SEG23
PRT147
LIO17=1
LIO17=0
LIO15=0
LIO15=1
LIO14=0
LIO14=1
Following table is the setting for MO_LIO?[...] and MO_?PP[...] and others related to LCD display
setting and pin assignment features.
MO_LIO?[…]
MO_?PP[...]
I/O Port
LCD Pin
0
0
Open-drain output
--
0
1
Push-pull output
--
1
0
--
xx
1
1
--
LCD Display
--: Function not available.
xx: Displayable, but may have abnormal leakage current, do not use.
10. Key Scan Circuit
The built-in 4x20 hardware keyboard scan circuit helps to reduce the pin counts where application
requires large key matrix and high LCD pixel count as well as the firmware effort. As key-scan pins are
shared with LCD segment and PRTC4 ~ PRTC7 pins, it is advisable to put resistors between segment pins
and key matrix to avoid shorting the segment pins when two or more keys in the same row are pressed
simultaneously. Two key can be detected simultaneously and the first detected key code is stored in
KEY0 register and the second in KEY1 register respectively. The key code for each key location is listed
in the following table.
Key Loc SCNI0 SCNI1 SCNI2 SCNI3
SCNO0
0x80
0xA0 0xC0 0xE0
SCNO1
0x81
0xA1 0xC1 0xE1
SCNO2
0x82
0xA2 0xC2 0xE2
SCNO3
0x83
0xA3 0xC3 0xE3
SCNO4
0x84
0xA4 0xC4 0xE4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29