Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HE84770D Fiches technique(PDF) 6 Page - King blillion Electronics Co.,Ltd.

No de pièce HE84770D
Description  8-bit Micro-controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KB [King blillion Electronics Co.,Ltd.]
Site Internet  
Logo KB - King blillion Electronics Co.,Ltd.

HE84770D Fiches technique(HTML) 6 Page - King blillion Electronics Co.,Ltd.

Back Button HE84770D Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE84770D Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE84770D Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE84770D Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE84770D Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE84770D Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE84770D Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE84770D Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HE84770D Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
King Billion Electronics Co., Ltd
駿
HE84770D
HE80000 SERIES
August 7, 2006
Page 6 of 29
V1.2
This specification is subject to change without notice. Please contact sales person for the latest version before use.
5. Pad Location
Die Size: 9300 µm * 4200 µm。
Substrate connect with GND。
P
R
T
14
[4]
/S
E
G
[
20
]
P
R
T
14
[5]
/S
E
G
[
21
]
P
R
T
14
[6]
/S
E
G
[
22
]
P
R
T
14
[7]
/S
E
G
[
23
]
S
G
K
Y
[
24
]
S
G
K
Y
[
25
]
S
G
K
Y
[
26
]
S
G
K
Y
[
27
]
S
G
K
Y
[
28
]
S
G
K
Y
[
29
]
S
G
K
Y
[
30
]
S
G
K
Y
[
31
]
S
G
K
Y
[
32
]
S
G
K
Y
[
33
]
S
G
K
Y
[
34
]
S
G
K
Y
[
35
]
S
G
K
Y
[
36
]
S
G
K
Y
[
37
]
S
G
K
Y
[
38
]
S
G
K
Y
[
39
]
S
G
K
Y
[
40
]
S
G
K
Y
[
41
]
S
G
K
Y
[
42
]
S
G
K
Y
[
43
]
S
E
G
[
44
]
S
E
G
[
45
]
S
E
G
[
46
]
S
E
G
[
47
]
S
E
G
[
48
]
PRT14[3]/SEG[19]
PRT14[2]/SEG[18]
PRT14[1] /SEG[17]
PRT14[0] /SEG[16]
PRT15[7] /SEG[15]
PRT15[6] /SEG[14]
PRT15[5] /SEG[13]
PRT15[4] /SEG[12]
PRT15[3] /SEG[11]
PRT15[2] /SEG[10]
PRT15[1] /SEG[9]
PRT15[0] /SEG[8]
PRT17[7] /SEG[7]
PRT17[6] /SEG[6]
PRT17[5] /SEG[5]
PRT17[4] /SEG[4]
PRT17[3] /SEG[3]
PRT17[2] /SEG[2]
PRT17[1] /SEG[1]
PRT17[0] /SEG[0]
COM[31]
COM[30]
COM[29]
COM[28]
COM[27]
COM[26]
COM[25]
COM[24]
COM[23]
COM[22]
COM[21]
COM[20]
COM[19]
COM[18]
COM[17]
COM[16]
COM[15]
COM[14]
COM[13]
COM[12]
COM[11]
COM[10]
COM[9]
COM[8]
COM[7]
COM[6]
COM[5]
COM[4]
COM[3]
COM[2]
COM[1]
COM[0]
LVL1
LVL2
LVL3
LVL4
LVL5
LGS2
LVP
LCAP4A
LCAP2B
LCAP2A
LCAP1A
LCAP1B
LCAP3A
LVREG
LGS1
LVAG
GND
VO
DAO
OPIN
OPIP
OPO
RSTP N
FXO
FXI
TSTP P
SXO
S
X
I
V
D
D
P
R
T
10
[7]
P
R
T
10
[6]
P
R
T
10
[5]
P
R
T
10
[4]
P
R
T
10
[3]
P
R
T
10
[2]
P
R
T
10
[1]
P
R
T
10
[0]
P
R
T
D
[7]
P
R
T
D
[6]
P
R
T
D
[5]
P
R
T
D
[4]
P
R
T
D
[3]
P
R
T
D
[2]
P
R
T
D
[1]
P
R
T
D
[0]
G
N
D
_
P
W
M
P
W
M
P
R
T
C
[7]
/S
C
N
I
[3]
P
R
T
C
[6]
/S
C
N
I
[2]
P
R
T
C
[5]
/S
C
N
I
[1]
P
R
T
C
[4]
/S
C
N
I
[0]
P
R
T
C
[3]
P
R
T
C
[2]
P
R
T
C
[1]
P
R
T
C
[0]
V
D
D
SEG[49]
SEG[50]
SEG[51]
SEG[52]
SEG[53]
SEG[54]
SEG[55]
SEG[56]
SEG[57]
SEG[58]
SEG[59]
SEG[60]
SEG[61]
SEG[62]
SEG[63]
SEG[64]
SEG[65]
SEG[66]
SEG[67]
SEG[68]
SEG[69]
SEG[70]
SEG[71]
SEG[72]
SEG[73]
SEG[74]
SEG[75]
SEG[76]
SEG[77]
SEG[78]
SEG[79]
COM[79] /SEG[80]
COM[78] /SEG[81]
COM[77] /SEG[82]
COM[76] /SEG[83]
COM[75] /SEG[84]
COM[74] /SEG[85]
COM[73] /SEG[86]
COM[72] /SEG[87]
COM[71] /SEG[88]
COM[70] /SEG[89]
COM[69] /SEG[90]
COM[68] /SEG[91]
COM[67] /SEG[92]
COM[66] /SEG[93]
COM[65] /SEG[94]
COM[64] /SEG[95]
COM[63] /SEG[96]
COM[62] /SEG[97]
COM[61] /SEG[98]
COM[60] /SEG[99]
COM[59] /SEG[100]
COM[58] /SEG[101]
COM[57] /SEG[102]
COM[56] /SEG[103]
COM[55] /SEG[104]
COM[54] /SEG[105]
COM[53] /SEG[106]
COM[52] /SEG[107]
COM[51] /SEG[108]
COM[50] /SEG[109]
COM[49] /SEG[110]
COM[48] /SEG[111]
COM[47] /SEG[112]
COM[46] /SEG[113]
COM[45] /SEG[114]
COM[44] /SEG[115]
COM[43] /SEG[116]
COM[42] /SEG[117]
COM[41] /SEG[118]
COM[40] /SEG[119]
COM[39] /SEG[120]
COM[38] /SEG[121]
COM[37] /SEG[122]
COM[36] /SEG[123]
COM[35] /SEG[124]
COM[34] /SEG[125]
COM[33] /SEG[126]
COM[32] /SEG[127]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com