Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HE84770D Fiches technique(PDF) 4 Page - King blillion Electronics Co.,Ltd.

No de pièce HE84770D
Description  8-bit Micro-controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KB [King blillion Electronics Co.,Ltd.]
Site Internet  
Logo KB - King blillion Electronics Co.,Ltd.

HE84770D Fiches technique(HTML) 4 Page - King blillion Electronics Co.,Ltd.

  HE84770D Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE84770D Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE84770D Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE84770D Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE84770D Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE84770D Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE84770D Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE84770D Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE84770D Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
King Billion Electronics Co., Ltd
駿
HE84770D
HE80000 SERIES
August 7, 2006
Page 4 of 29
V1.2
This specification is subject to change without notice. Please contact sales person for the latest version before use.
Pin Name
Pin #
I/O
Description
will turn on the key scan function.
PRT14[7..0]/
SEG[23:16]
26 ~ 33
B/
O
8-bit bi-directional I/O port 14 is shared with LCD segment pads SEG[23..16]. The
function of the pad can be selected individually by mask options MO_LIO14[7..0].
(‘1’ for LCD and ‘0’ for I/O).
The output type of I/O pad can also be selected by mask option MO_14PP[7..0] (1 for
push-pull and ‘0’ for open-drain).
As the output structure of I/O pad does not contain tri-state buffer. When using the I/O
as input, “1” must be outputted before reading.
PRT15[7..0]/
SEG[15:8]
34 ~ 41
B/
O
8-bit bi-directional I/O port 15 is shared with LCD segment pads SEG[15..8]. The
function of the pad can be selected individually by mask options MO_LIO15[7..0].
(‘1’ for LCD and ‘0’ for I/O).
The output type of I/O pad can also be selected by mask option MO_15PP[7..0] (1 for
push-pull and ‘0’ for open-drain).
As the output structure of I/O pad does not contain tri-state buffer. When using the I/O
as input, “1” must be outputted before reading.
PRT17[7..0]/
SEG[7:0]
42 ~ 49
B/
O
8-bit bi-directional I/O port 17 is shared with LCD segment pads SEG[7..0]. The
function of the pad can be selected individually by mask options MO_LIO17[7..0].
(‘1’ for LCD and ‘0’ for I/O).
The output type of I/O pad can also be selected by mask option MO_17PP[7..0] (1 for
push-pull and ‘0’ for open-drain).
As the output structure of I/O pad does not contain tri-state buffer. When using the I/O
as input, “1” must be outputted before reading.
COM[31..0]
50 ~ 81 O LCD COMMON Driver pads.
LVL1
82
P
LCD Bias Voltage 1.
LVL2
83
P
LCD Bias Voltage 2
LVL3
84
P
LCD Bias Voltage 3
LVL4
85
P
LCD Bias Voltage 4
LVL5
86
P
LCD Bias Voltage 5.
LGS2
87
I
LCD Drive Voltage Setting
LVP
88
P
Charge Pump Output..
LCAP4A
89
O Charge Pump Capacitor Pin.
LCAP2B
90
O Charge Pump Capacitor Pin.
LCAP2A
91
O Charge Pump Capacitor Pin.
LCAP1A
92
O Charge Pump Capacitor Pin.
LCAP1B
93
O Charge Pump Capacitor Pin.
LCAP3A
94
O Charge Pump Capacitor Pin.
LVREG
95
O Voltage Regulator Output. VDD is regulated to generate LVREG, which is in turns
pumped to LVP. Adjust resistor between LGS1 and LVREG to set LVREG voltage.
LGS1
96
I
Regulator Voltage Setting
LVAG
97
O Reference Voltage Output. Fixed 0.9 Volt DC reference voltage
GND
98
P
Power ground Input.
VO
99
O
DAC Voice Output. Set the bit 1 and clear the bit 0 of VOC (DA = ‘1’ and OP = ‘0’)
register to turn on DAC with VO output.
DAO
100
O
Alternate output of DAC. Set both bit 1 and bit 0 of VOC register (DA = ‘1’ and OP =
‘1’) to turn on DAC with DAO output as well as OP comparator.
OPIN
101
I
Inverting input of OP Amp. Set the bit 0 of VOC register (OP = ‘1’) to turn on OP
comparator.
OPIP
102
I
Non-inverting input of OP Amp.
OPO
103
O Output of OP Amp.
RSTP_N
104
I
System Reset input pin. Level trigger, active low on this pin will put the chip in reset
state.
FXO,
105, 106 O, External fast clock pin. Two types of oscillator can be selected by MO_FXTAL (‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com