| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8280 Fiches technique(PDF) 183 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Fiches technique(HTML) 183 Page - Freescale Semiconductor, Inc |
|
183 / 1386 page ![]() System Interface Unit (SIU) MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 Freescale Semiconductor 4-11 27 YCC8 (Grouped) Yes 28 XSIU4 (Spread) No (TMCNT,PIT,PCI = Yes) 29 Parallel I/O–PC15 Yes 30 Timer 1 Yes 31 Parallel I/O–PC14 Yes 32 YCC1 (Spread) Yes 33 Parallel I/O–PC13 Yes 34 SDMA Bus Error Yes 35 USB Yes 36 IDMA1 Yes 37 YCC2 (Spread) Yes 38 Parallel I/O–PC12 No 39 Parallel I/O–PC11 No 40 IDMA2 Yes 41 Timer 2 Yes 42 Parallel I/O–PC10 No 43 XSIU5 (GSIU = 1) No (TMCNT,PIT,PCI = Yes) 44 YCC3 (Spread) Yes 45 RISC Timer Table Yes 46 I2C Yes 47 YCC4 (Spread) Yes 48 Parallel I/O–PC9 No 49 Parallel I/O–PC8 No 50 IRQ6 No 51 IDMA3 Yes 52 IRQ7 No 53 Timer 3 Yes 54 XSIU6 (GSIU = 1) No (TMCNT,PIT,PCI = Yes) 55 YCC5 (Spread) Yes 56 Parallel I/O–PC7 No 57 Parallel I/O–PC6 No 58 Parallel I/O–PC5 No 59 Timer 4 Yes Table 4-2. Interrupt Source Priority Levels (continued) Priority Level Interrupt Source Description Multiple Events |