| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8280 Fiches technique(PDF) 22 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Fiches technique(HTML) 22 Page - Freescale Semiconductor, Inc |
|
22 / 1386 page ![]() MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 xxii Freescale Semiconductor Contents Paragraph Number Title Page Number 14.4 Command Set............................................................................................................... 14-12 14.4.1 CP Command Register (CPCR)............................................................................... 14-12 14.4.1.1 CP Commands ..................................................................................................... 14-14 14.4.2 Command Register Example ................................................................................... 14-17 14.4.3 Command Execution Latency.................................................................................. 14-17 14.5 Dual-Port RAM............................................................................................................ 14-17 14.5.1 Buffer Descriptors (BDs)......................................................................................... 14-21 14.5.2 Parameter RAM ....................................................................................................... 14-21 14.6 RISC Timer Tables....................................................................................................... 14-23 14.6.1 RISC Timer Table Parameter RAM......................................................................... 14-23 14.6.2 RISC Timer Command Register (TM_CMD) ......................................................... 14-25 14.6.3 RISC Timer Table Entries........................................................................................ 14-25 14.6.4 RISC Timer Event Register (RTER)/Mask Register (RTMR) ................................ 14-25 14.6.5 set timer Command.................................................................................................. 14-26 14.6.6 RISC Timer Initialization Sequence ........................................................................ 14-26 14.6.7 RISC Timer Initialization Example ......................................................................... 14-27 14.6.8 RISC Timer Interrupt Handling ............................................................................... 14-27 14.6.9 RISC Timer Table Scan Algorithm.......................................................................... 14-27 14.6.10 Using the RISC Timers to Track CP Loading ......................................................... 14-28 Chapter 15 Serial Interface with Time-Slot Assigner 15.1 Features .......................................................................................................................... 15-3 15.2 Overview........................................................................................................................ 15-4 15.3 Enabling Connections to TSA ....................................................................................... 15-7 15.4 Serial Interface RAM ..................................................................................................... 15-8 15.4.1 One Multiplexed Channel with Static Frames ........................................................... 15-9 15.4.2 One Multiplexed Channel with Dynamic Frames ..................................................... 15-9 15.4.3 Programming SIx RAM Entries .............................................................................. 15-10 15.4.4 SIx RAM Programming Example............................................................................ 15-14 15.4.5 Static and Dynamic Routing .................................................................................... 15-15 15.5 Serial Interface Registers ............................................................................................. 15-17 15.5.1 SI Global Mode Registers (SIxGMR) ..................................................................... 15-17 15.5.2 SI Mode Registers (SIxMR) .................................................................................... 15-17 15.5.3 SIx RAM Shadow Address Registers (SIxRSR) ..................................................... 15-24 15.5.4 SI Command Register (SIxCMDR)......................................................................... 15-24 15.5.5 SI Status Registers (SIxSTR)................................................................................... 15-25 15.6 Serial Interface IDL Interface Support ........................................................................ 15-25 15.6.1 IDL Interface Example ............................................................................................ 15-26 15.6.2 IDL Interface Programming..................................................................................... 15-29 |