| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8280 Fiches technique(PDF) 182 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Fiches technique(HTML) 182 Page - Freescale Semiconductor, Inc |
|
182 / 1386 page ![]() System Interface Unit (SIU) MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 4-10 Freescale Semiconductor relative ordering of the interrupts, but, in general, relative priorities are as shown. A single interrupt priority number is associated with each table entry. Note that the group and spread options, shown with YCC entries in Table 4-2, are described in Section 4.2.2.1, “SCC, FCC, and MCC Relative Priority.” Table 4-2. Interrupt Source Priority Levels Priority Level Interrupt Source Description Multiple Events 1 Highest — 2 XSIU1 No (TMCNT,PIT,PCI = Yes) 3 XSIU2 (Grouped) No (TMCNT,PIT,PCI = Yes) 4 XSIU3 (Grouped) No (TMCNT,PIT,PCI = Yes) 5 XSIU4 (Grouped) No (TMCNT,PIT,PCI = Yes) 6 XCC1 Yes 7 XCC2 Yes 8 XCC3 Yes 9 XCC4 Yes 10 XSIU2 (Spread) No (TMCNT,PIT,PCI = Yes) 11 XCC5 Yes 12 XCC6 Yes 13 XCC7 Yes 14 XCC8 Yes 15 XSIU5 (Grouped) No (TMCNT,PIT,PCI = Yes) 16 XSIU6 (Grouped) No (TMCNT,PIT,PCI = Yes) 17 XSIU7 (Grouped) No (TMCNT,PIT,PCI = Yes) 18 XSIU8 (Grouped) No (TMCNT,PIT,PCI = Yes) 19 XSIU3 (Spread) No (TMCNT,PIT,PCI = Yes) 20 YCC1 (Grouped) Yes 21 YCC2 (Grouped) Yes 22 YCC3 (Grouped) Yes 23 YCC4 (Grouped) Yes 24 YCC5 (Grouped) Yes 25 YCC6 (Grouped) Yes 26 YCC7 (Grouped) Yes |