Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8280 Fiches technique(PDF) 45 Page - Freescale Semiconductor, Inc

No de pièce MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Fiches technique(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
xlv
Contents
Paragraph
Number
Title
Page
Number
Chapter 37
FCC HDLC Controller
37.1
Key Features .................................................................................................................. 37-1
37.2
HDLC Channel Frame Transmission Processing .......................................................... 37-2
37.3
HDLC Channel Frame Reception Processing ............................................................... 37-3
37.4
HDLC Parameter RAM ................................................................................................. 37-3
37.5
Programming Model ...................................................................................................... 37-5
37.5.1
HDLC Command Set................................................................................................. 37-5
37.5.2
HDLC Error Handling ............................................................................................... 37-6
37.6
HDLC Mode Register (FPSMR) ................................................................................... 37-8
37.7
HDLC Receive Buffer Descriptor (RxBD).................................................................... 37-9
37.8
HDLC Transmit Buffer Descriptor (TxBD) ................................................................ 37-12
37.9
HDLC Event Register (FCCE)/Mask Register (FCCM) ............................................. 37-14
37.10
FCC Status Register (FCCS) ....................................................................................... 37-16
Chapter 38
FCC Transparent Controller
38.1
Features .......................................................................................................................... 38-1
38.2
Transparent Channel Operation ..................................................................................... 38-2
38.3
Achieving Synchronization in Transparent Mode ......................................................... 38-2
38.3.1
In-Line Synchronization Pattern................................................................................ 38-2
38.3.2
External Synchronization Signals .............................................................................. 38-3
38.3.3
Transparent Synchronization Example ...................................................................... 38-4
Chapter 39
Serial Peripheral Interface (SPI)
39.1
Features .......................................................................................................................... 39-1
39.2
SPI Clocking and Signal Functions ............................................................................... 39-2
39.3
Configuring the SPI Controller...................................................................................... 39-2
39.3.1
The SPI as a Master Device ....................................................................................... 39-3
39.3.2
The SPI as a Slave Device ......................................................................................... 39-4
39.3.3
The SPI in Multimaster Operation............................................................................. 39-4
39.4
Programming the SPI Registers ..................................................................................... 39-6
39.4.1
SPI Mode Register (SPMODE) ................................................................................. 39-6
39.4.1.1
SPI Examples with Different SPMODE[LEN] Values.......................................... 39-8
39.4.2
SPI Event/Mask Registers (SPIE/SPIM) ................................................................... 39-9
39.4.3
SPI Command Register (SPCOM) .......................................................................... 39-10
39.5
SPI Parameter RAM .................................................................................................... 39-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More