Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VIPER53ESP-E Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce VIPER53ESP-E
Description  OFF-line Primary Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53ESP-E Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button VIPER53ESP-E Datasheet HTML 23Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 24Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 25Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 26Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 27Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 28Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 29Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 30Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Mechanical Data
VIPer53EDIP - E / VIPer53ESP - E
28/31
DocRev1
Figure 20. Package Dimensions
Table 12.
PowerSO-10 Mechanical Data
Dimensions
Ref.
Databook (mm)
Nom.
Min
Max
A
3.35
3.65
A1
0.00
0.10
B
0.40
0.60
c
0.35
0.55
D
9.40
9.60
D1
7.40
7.60
E
9.30
9.50
E1
7.20
7.40
E2
7.20
7.60
E3
6.10
6.35
E4
5.90
6.10
e
1.27
F
1.25
1.35
H
13.80
14.40
h
0.50
L
1.20
1.80
q
1.70
α



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31