Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VIPER53ESP-E Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce VIPER53ESP-E
Description  OFF-line Primary Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53ESP-E Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button VIPER53ESP-E Datasheet HTML 23Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 24Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 25Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 26Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 27Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 28Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 29Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 30Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
VIPer53EDIP - E / VIPer53ESP - E
Mechanical Data
DocRev1
27/31
Figure 19. Package Dimensions
Table 11.
DIP8 Mechanical Data
Dimensions
Ref.
Databook (mm)
Nom.
Min
Max
A
5.33
A1
0.38
A2
2.92
3.30
4.95
b
0.36
0.46
0.56
b2
1.14
1.52
1.78
c
0.20
0.25
0.36
D
9.02
9.27
10.16
E
7.62
7.87
8.26
E1
6.10
6.35
7.11
e2.54
eA
7.62
eB
10.92
L
2.92
3.30
3.81
Package Weight
Gr. 470



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31