Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VIPER53ESP-E Fiches technique(PDF) 26 Page - STMicroelectronics

No de pièce VIPER53ESP-E
Description  OFF-line Primary Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53ESP-E Fiches technique(HTML) 26 Page - STMicroelectronics

Back Button VIPER53ESP-E Datasheet HTML 22Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 23Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 24Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 25Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 26Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 27Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 28Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 29Page - STMicroelectronics VIPER53ESP-E Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
Mechanical Data
VIPer53EDIP - E / VIPer53ESP - E
26/31
DocRev1
14
Mechanical Data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31