Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M58PR256J Fiches technique(PDF) 86 Page - STMicroelectronics

No de pièce M58PR256J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256J Fiches technique(HTML) 86 Page - STMicroelectronics

Back Button M58PR256J Datasheet HTML 82Page - STMicroelectronics M58PR256J Datasheet HTML 83Page - STMicroelectronics M58PR256J Datasheet HTML 84Page - STMicroelectronics M58PR256J Datasheet HTML 85Page - STMicroelectronics M58PR256J Datasheet HTML 86Page - STMicroelectronics M58PR256J Datasheet HTML 87Page - STMicroelectronics M58PR256J Datasheet HTML 88Page - STMicroelectronics M58PR256J Datasheet HTML 89Page - STMicroelectronics M58PR256J Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 114 page
background image
Block address tables
M58PR256J, M58PR512J
86/114
Table 35.
M58PR256J - bank base addresses
Bank Number
Block Numbers
Bank Base Address
0
0 - 15
000000
1
16 - 31
200000
2
32 - 47
400000
3
48 - 63
600000
4
64 - 79
800000
5
80 - 95
A00000
6
96 - 111
C00000
7
112 - 127
E00000
Table 36.
M58PR512J - bank base addresses
Bank Number
Block Numbers
Bank Base Address
0
0 - 31
0000000
1
32 - 63
0400000
2
64 - 95
0800000
3
96 - 127
0C00000
4
128 - 159
1000000
5
160 - 191
1400000
6
192 - 223
1800000
7
224 - 255
1C00000
Table 37.
M58PR256J - block addresses
Block Number Offset
Block Base Address Offset
0
0000000
1
0020000
2
0040000
3
0060000
4
0080000
5
00A0000
6
00C0000
7
00E0000
8
0100000
9
0120000
10
0140000
11
0160000
12
0180000
13
01A0000
14
01C0000
15
01E0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More