Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M58PR256J Fiches technique(PDF) 76 Page - STMicroelectronics

No de pièce M58PR256J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256J Fiches technique(HTML) 76 Page - STMicroelectronics

Back Button M58PR256J Datasheet HTML 72Page - STMicroelectronics M58PR256J Datasheet HTML 73Page - STMicroelectronics M58PR256J Datasheet HTML 74Page - STMicroelectronics M58PR256J Datasheet HTML 75Page - STMicroelectronics M58PR256J Datasheet HTML 76Page - STMicroelectronics M58PR256J Datasheet HTML 77Page - STMicroelectronics M58PR256J Datasheet HTML 78Page - STMicroelectronics M58PR256J Datasheet HTML 79Page - STMicroelectronics M58PR256J Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 114 page
background image
DC and ac parameters
M58PR256J, M58PR512J
76/114
Figure 13.
Single Synchronous Read ac waveforms
Figure 14.
Clock input ac waveform
AI13760
E
G
A0-Amax(1)
L
WAIT(2,3)
K(2)
VALID ADDRESS
tGLQV
tAVKH
tLLKH
tELKH
Hi-Z
tELQX
tKHQV
Notes 1. Amax is equal to A23 in the M58PR256J and, to A24 in the M58PR512J.
2. The WAIT signal is configured to be active during wait state. WAIT signal is active Low.
3. Address latched and data output on the rising clock edge.
tGLQX
tKHTV
DQ0-DQ15
VALID
Hi-Z
tELQV
tGLTV
tGHTZ
AI06981
tKHKH
tf
tr
tKHKL
tKLKH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More