Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STCF02 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STCF02
Description  High power white led driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF02 Fiches technique(HTML) 5 Page - STMicroelectronics

  STCF02 Datasheet HTML 1Page - STMicroelectronics STCF02 Datasheet HTML 2Page - STMicroelectronics STCF02 Datasheet HTML 3Page - STMicroelectronics STCF02 Datasheet HTML 4Page - STMicroelectronics STCF02 Datasheet HTML 5Page - STMicroelectronics STCF02 Datasheet HTML 6Page - STMicroelectronics STCF02 Datasheet HTML 7Page - STMicroelectronics STCF02 Datasheet HTML 8Page - STMicroelectronics STCF02 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
STCF02
Pin connections
5/19
18
PGND
Power ground
Power ground pin for power analog circuit. To be connected to the
PCB ground plane.
19
RMFL
Middle flash resistor
connection
This pin is used for the current setting in Middle Flash Mode – RMF
resistor is connected to this pin.
20
EN1
Enable Pin 1
Digital input that allow selecting the operational modes of the device
(refer to truth table).
Exp-
pad
PGND
Power ground
To be connected to the PCB Ground Plane for optimal electrical and
thermal performance.
Figure 3.
Block diagram
Pln N°
Symbol
Name and function
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19