Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STCF02 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce STCF02
Description  High power white led driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF02 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button STCF02 Datasheet HTML 11Page - STMicroelectronics STCF02 Datasheet HTML 12Page - STMicroelectronics STCF02 Datasheet HTML 13Page - STMicroelectronics STCF02 Datasheet HTML 14Page - STMicroelectronics STCF02 Datasheet HTML 15Page - STMicroelectronics STCF02 Datasheet HTML 16Page - STMicroelectronics STCF02 Datasheet HTML 17Page - STMicroelectronics STCF02 Datasheet HTML 18Page - STMicroelectronics STCF02 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
STCF02
Package mechanical data
17/19
DIM.
mm.
mils
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.8
0.9
1.0031.535.439.4
A1
0.02
0.05
0.8
2.0
A2
0.65
1.00
25.6
39.4
A3
0.25
9.8
b
0.18
0.23
0.30
7.1
9.1
11.8
D
3.875
4.00
4.125
152.6
157.5
162.4
D2
0.75
1.7
2.25
29.5
66.9
88.6
E
3.875
4.00
4.125
152.6
157.5
162.4
E2
0.75
1.7
2.25
29.5
66.9
88.6
e
0.450.500.5517.719.721.7
L
0.350.550.7513.821.725.9
ddd
0.08
3.1
QFN20 (4x4) MECHANICAL DATA
7169619-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19