Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STCF02 Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce STCF02
Description  High power white led driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF02 Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button STCF02 Datasheet HTML 11Page - STMicroelectronics STCF02 Datasheet HTML 12Page - STMicroelectronics STCF02 Datasheet HTML 13Page - STMicroelectronics STCF02 Datasheet HTML 14Page - STMicroelectronics STCF02 Datasheet HTML 15Page - STMicroelectronics STCF02 Datasheet HTML 16Page - STMicroelectronics STCF02 Datasheet HTML 17Page - STMicroelectronics STCF02 Datasheet HTML 18Page - STMicroelectronics STCF02 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
STCF02
Detailed operating description
15/19
6.12
Safety shutdown in flash mode
To avoid LED burning during flash mode, which could be brought on by a micro-controller fault, a simple
programmable RC circuit is possible to shutdown the device after a selected time through the RX Pin (see
Figure 15).
Figure 14. Typical application of LED temperature sensing by NTC resistor
Figure 15. Typical Application of Safety Shutdown
EN1
EN2
Mode
Time-
Out
0
0
All OFF
N/A
01
Torch
NO
1
0
Mid-Flash
YES
1
1
Full-Flash
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19