Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PPC440GP-3CC500C Fiches technique(PDF) 40 Page - Applied Micro Circuits Corporation

No de pièce PPC440GP-3CC500C
Description  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMCC [Applied Micro Circuits Corporation]
Site Internet  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GP-3CC500C Fiches technique(HTML) 40 Page - Applied Micro Circuits Corporation

Back Button PPC440GP-3CC500C Datasheet HTML 36Page - Applied Micro Circuits Corporation PPC440GP-3CC500C Datasheet HTML 37Page - Applied Micro Circuits Corporation PPC440GP-3CC500C Datasheet HTML 38Page - Applied Micro Circuits Corporation PPC440GP-3CC500C Datasheet HTML 39Page - Applied Micro Circuits Corporation PPC440GP-3CC500C Datasheet HTML 40Page - Applied Micro Circuits Corporation PPC440GP-3CC500C Datasheet HTML 41Page - Applied Micro Circuits Corporation PPC440GP-3CC500C Datasheet HTML 42Page - Applied Micro Circuits Corporation PPC440GP-3CC500C Datasheet HTML 43Page - Applied Micro Circuits Corporation PPC440GP-3CC500C Datasheet HTML 44Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
40
AMCC
Revision 1.07 – October 4, 2007
Data Sheet
In the following table, only the primary (default) signal name is shown for each pin. Multiplexed or multifunction
signals are marked with an asterisk (*). To determine what signals or functions are multiplexed on those pins, look
up the primary signal name in “Signals Listed Alphabetically” on page 18.
Signals Listed by Ball Assignment (Sheet 1 of 6)
Ball
Signal Name
Ball
Signal Name
Ball
Signal Name
Ball
Signal Name
A01
No ball
B01
No ball
C01
No ball
D01
PCIXAD36
A02
No ball
B02
No ball
C02
PCIXAD41
D02
OVDD
A03
No ball
B03
PCIXAD46
C03
PCIXC5 *
D03
PCIXAD45
A04
PCIXAD51
B04
OVDD
C04
PCIXAD50
D04
GND
A05
DrvrInh2
B05
PCIXAD54
C05
EMCTxErr *
D05
PCIXAD53
A06
PCIXAD58
B06
GND
C06
PCIXAD57
D06
VDD
A07
EMCRxD2 *
B07
PCIXAD62
C07
PerBLast
D07
PCIXAD61
A08
PCIXAD42
B08
VDD
C08
PCIXC4 *
D08
GND
A09
UARTSerClk
B09
PCIXAD01
C09
PCIXAD55
D09
PCIXAck64
A10
PCIXAD05
B10
GND
C10
PCIXAD04
D10
OVDD
A11
PCIXFrame
B11
PerAddr02
C11
PerAddr01
D11
PerAddr00
A12
PerAddr03
B12
OVDD
C12
PCIXTRDY
D12
GND
A13
PerAddr12
B13
GND
C13
UART0_CTS
D13
VDD
A14
PCIXM66En
B14
PerAddr13
C14
PerAddr14
D14
PerAddr15
A15
PCIXAD09
B15
VDD
C15
PCIXAD10
D15
GND
A16
PerAddr11
B16
PCIXAD13
C16
PCIXAD14
D16
PCIXAD15
A17
PCIXPErr
B17
GND
C17
PCIXAD00
D17
OVDD
A18
PCIXSErr
B18
UART0_DTR
C18
UART1_Rx *
D18
PerAddr05
A19
PerAddr04
B19
OVDD
C19
PCIXC2 *
D19
GND
A20
PCIXAD21
B20
PerAddr16
C20
PerAddr10
D20
PCIXAD20
A21
PCIXAD22
B21
GND
C21
PCIXAD23
D21
VDD
A22
No ball
B22
PCIXAD25
C22
PCIXGnt1 *
D22
PCIXAD30
A23
No ball
B23
No ball
C23
PCIXAD28
D23
GND
A24
No ball
B24
No ball
C24
No ball
D24
PCIXAD31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83