Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PPC440GP-3CC500C Fiches technique(PDF) 37 Page - Applied Micro Circuits Corporation

No de pièce PPC440GP-3CC500C
Description  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMCC [Applied Micro Circuits Corporation]
Site Internet  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GP-3CC500C Fiches technique(HTML) 37 Page - Applied Micro Circuits Corporation

Back Button PPC440GP-3CC500C Datasheet HTML 33Page - Applied Micro Circuits Corporation PPC440GP-3CC500C Datasheet HTML 34Page - Applied Micro Circuits Corporation PPC440GP-3CC500C Datasheet HTML 35Page - Applied Micro Circuits Corporation PPC440GP-3CC500C Datasheet HTML 36Page - Applied Micro Circuits Corporation PPC440GP-3CC500C Datasheet HTML 37Page - Applied Micro Circuits Corporation PPC440GP-3CC500C Datasheet HTML 38Page - Applied Micro Circuits Corporation PPC440GP-3CC500C Datasheet HTML 39Page - Applied Micro Circuits Corporation PPC440GP-3CC500C Datasheet HTML 40Page - Applied Micro Circuits Corporation PPC440GP-3CC500C Datasheet HTML 41Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
AMCC
37
Revision 1.07 – October 4, 2007
Data Sheet
TMS
AB22
JTAG
52
TrcBS0[GPIO18]
N16
Trace
54
TrcBS1[GPIO19]
P17
TrcBS2[GPIO20]
T20
TrcClk
R05
Trace
54
TrcES0[GPIO21]
T21
Trace
54
TrcES1[GPIO22]
P23
TrcES2[GPIO23]
N09
TrcES3[GPIO24]
P08
TrcES4[GPIO25]
T05
TrcTS0[GPIO26]
T04
Trace
54
TrcTS1[GPIO27]
P03
Trace
54
TrcTS2[GPIO28]
R07
Trace
54
TrcTS3[GPIO29]
P09
Trace
54
TrcTS4[GPIO30]
R09
Trace
54
TrcTS5[GPIO31]
T06
Trace
54
TrcTS6
R01
Trace
54
TRST
N24
JTAG
52
UART0_CTS
C13
UART Peripheral
51
UART0_DCD
V24
UART Peripheral
Note: Used as initialization strapping input.
51
UART0_DSR
V02
UART Peripheral
Note: Used as initialization strapping input.
51
UART0_DTR
B18
UART Peripheral
51
UART0_RI
H16
UART Peripheral
51
UART0_RTS
G16
UART Peripheral
51
UART0_Rx
G17
UART Peripheral
51
UART0_Tx
L11
UART Peripheral
51
UART1_DSR/CTS[GPIO14]
G06
UART Peripheral
51
UART1_RTS/DTR[GPIO15]
E05
UART Peripheral
51
UART1_Rx[GPIO12]
C18
UART Peripheral
51
UART1_Tx[GPIO13]
J16
UART Peripheral
51
Signals Listed Alphabetically (Sheet 20 of 22)
Signal Name
Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83