| Moteur de recherche de fiches techniques de composants électroniques |
|
PPC440GP-3CC500C Fiches technique(PDF) 33 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC440GP-3CC500C Fiches technique(HTML) 33 Page - Applied Micro Circuits Corporation |
|
33 / 83 page ![]() 440GP – Power PC 440GP Embedded Processor AMCC 33 Revision 1.07 – October 4, 2007 Data Sheet PCIXStop L12 PCI-X 48 PCIXTRDY C12 PCI-X 48 PerAddr00 D11 External Slave Peripheral Note: PerAddr00 is the most significant bit (msb) on this bus. 50 PerAddr01 C11 PerAddr02 B11 PerAddr03 A12 PerAddr04 A19 PerAddr05 D18 PerAddr06 E11 PerAddr07 M03 PerAddr08 N01 PerAddr09 E14 PerAddr10 C20 PerAddr11 A16 PerAddr12 A13 PerAddr13 B14 PerAddr14 C14 PerAddr15 D14 PerAddr16 B20 PerAddr17 L15 PerAddr18 L21 PerAddr19 L22 PerAddr20 M22 PerAddr21 M01 PerAddr22 L24 PerAddr23 P24 PerAddr24 T19 PerAddr25 R24 PerAddr26 U22 PerAddr27 U24 PerAddr28 N03 PerAddr29 V20 PerAddr30 V23 PerAddr31 V21 Signals Listed Alphabetically (Sheet 16 of 22) Signal Name Ball Interface Group Page |