| Moteur de recherche de fiches techniques de composants électroniques |
|
PPC440EP Fiches technique(PDF) 69 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC440EP Fiches technique(HTML) 69 Page - Applied Micro Circuits Corporation |
|
69 / 84 page ![]() AMCC Proprietary 69 440EP – PPC440EP Embedded Processor Data Sheet Revision 1.26 – April 25, 2007 JTAG Interface TCK n/a n/a n/a n/a n/a n/a async TDI n/a n/a n/a n/a n/a n/a async TDO n/a n/a n/a n/a 15.3 10.2 async TMS n/a n/a n/a n/a n/a n/a async TRST n/a n/a n/a n/a n/a n/a async System Interface SysClk n/a n/a n/a n/a n/a n/a TmrClk n/a n/a n/a n/a n/a n/a async SysReset n/a n/a n/a n/a n/a n/a async Halt n/a n/a n/a n/a n/a n/a async SysErr n/a n/a n/a n/a 10.3 7.1 async TestEn n/a n/a n/a n/a n/a n/a async DrvrInh1:2 n/a n/a n/a n/a n/a n/a RcvrInh n/a n/a n/a n/a GPIO00:63 n/a n/a n/a n/a 10.3 7.1 PSROOut n/a n/a n/a n/a Trace Interface TrcClk n/a n/a n/a n/a 10.3 7.1 TrcBS0:2 n/a n/a n/a n/a 10.3 7.1 TrcES0:4 n/a n/a n/a n/a 10.3 7.1 TrcTS0:6 n/a n/a n/a n/a 10.3 7.1 Table 16. I/O Specifications—All Speeds (Sheet 3 of 3) Notes: 1. Ethernet interface meets timing requirements as defined by IEEE 802.3 standard. Signal Input (ns) Output (ns) Output Current (mA) Clock Notes Setup Time (TIS min) Hold Time (TIH min) Valid Delay (TOV max) Hold Time (TOH min) I/O H (minimum) I/O L (minimum) |