Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PPC440EP Fiches technique(PDF) 33 Page - Applied Micro Circuits Corporation

No de pièce PPC440EP
Description  Power PC 440EP Embedded Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMCC [Applied Micro Circuits Corporation]
Site Internet  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440EP Fiches technique(HTML) 33 Page - Applied Micro Circuits Corporation

Back Button PPC440EP Datasheet HTML 29Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 30Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 31Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 32Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 33Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 34Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 35Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 36Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 37Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 84 page
background image
AMCC Proprietary
33
440EP – PPC440EP Embedded Processor
Data Sheet
Revision 1.26 – April 25, 2007
PCIAD00
B16
PCI
50
PCIAD01
C15
PCIAD02
D15
PCIAD03
A17
PCIAD04
B17
PCIAD05
A18
PCIAD06
C16
PCIAD07
D16
PCIAD08
C18
PCIAD09
A20
PCIAD10
C20
PCIAD11
B22
PCIAD12
A23
PCIAD13
A24
PCIAD14
C22
PCIAD15
D22
PCIAD16
H24
PCIAD17
F25
PCIAD18
J24
PCIAD19
K23
PCIAD20
K24
PCIAD21
J25
PCIAD22
L23
PCIAD23
K25
PCIAD24
K26
PCIAD25
M24
PCIAD26
M23
PCIAD27
L25
PCIAD28
N23
PCIAD29
N26
PCIAD30
M26
PCIAD31
P26
PCIC0/BE0
B18
PCI
50
PCIC1/BE1
F23
PCIC2/BE2
F24
PCIC3/BE3
E26
PCIClk
B21
PCI
50
PCIDevSel
D26
PCI
50
PCIFrame
G24
PCI
50
Table 3. Signals Listed Alphabetically (Sheet 17 of 24)
Signal Name
Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84