| Moteur de recherche de fiches techniques de composants électroniques |
|
PPC440EP Fiches technique(PDF) 43 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC440EP Fiches technique(HTML) 43 Page - Applied Micro Circuits Corporation |
|
43 / 84 page ![]() AMCC Proprietary 43 440EP – PPC440EP Embedded Processor Data Sheet Revision 1.26 – April 25, 2007 J01 DM2 K01 WE L01 GND M01 ECC2 J02 CAS K02 RAS L02 ECC6 M02 ECC3 J03 PerData03 K03 DQS2 L03 DM3 M03 ECC7 J04 PerData04 K04 PerData01 L04 GND M04 DQS3 J05 GND K05 VDD L05 VDD M05 VDD J06 No ball K06 No ball L06 No ball M06 No ball J07 No ball K07 No ball L07 No ball M07 No ball J08 No ball K08 No ball L08 No ball M08 No ball J09 No ball K09 No ball L09 No ball M09 No ball J10 No ball K10 No ball L10 No ball M10 No ball J11 No ball K11 No ball L11 GND M11 OVDD J12 No ball K12 No ball L12 OVDD M12 GND J13 No ball K13 No ball L13 GND M13 GND J14 No ball K14 No ball L14 GND M14 VDD J15 No ball K15 No ball L15 OVDD M15 GND J16 No ball K16 No ball L16 GND M16 OVDD J17 No ball K17 No ball L17 No ball M17 No ball J18 No ball K18 No ball L18 No ball M18 No ball J19 No ball K19 No ball L19 No ball M19 No ball J20 No ball K20 No ball L20 No ball M20 No ball J21 No ball K21 No ball L21 No ball M21 No ball J22 GND K22 VDD L22 VDD M22 VDD J23 PCISErr K23 PCIAD19 L23 PCIAD22 M23 PCIAD26 J24 PCIAD18 K24 PCIAD20 L24 PCIGnt1 M24 PCIAD25 J25 PCIAD21 K25 PCIAD23 L25 PCIAD27 M25 GND J26 GND K26 PCIAD24 L26 GND M26 PCIAD30 Table 4. Signals Listed by Ball Assignment (Sheet 3 of 7) Ball Signal Name Ball Signal Name Ball Signal Name Ball Signal Name |