| Moteur de recherche de fiches techniques de composants électroniques |
|
PPC440SPE-RNB667C Fiches technique(PDF) 74 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC440SPE-RNB667C Fiches technique(HTML) 74 Page - Applied Micro Circuits Corporation |
|
74 / 80 page ![]() PowerPC 440SPe Embedded Processor 74 AMCC Proprietary Revision 1.23 - Sept 21, 2006 Preliminary Data Sheet DDR SDRAM Read Operation The Read of the incoming Data from the SDRAM is done on the rising and falling edges of the differential DQS signal. The Data must be centered to these edges for correct operation. The PPC440SPe can delay with very fine granularity the DQS through the programming of the MCIF0_RODC[RQFD] register field. DDR SDRAM MemClkOut0 and Read Clock Delay In order to accommodate timing variations introduced by the system designs using this chip, the three-stage data path shown below is used to eliminate metastability and allow data sampling to be adjusted for minimum latency. The data are stored in the 8 Flip Flops of the Stage 1, such that it can be transferred later within a 8X period. Figure 9. DDR SDRAM Read Data Path PLB bus DQ MCIF0_RQDC[RQFD] Programmed Delay Package Mux Read DQS C D FF: Flip-Flop Q2 DQS (Diff) DDR 1X Clock Mux Data (x64) (x64) Read FIFO PLB 1X Clock Stage 2 Stage 1 Stage 3 FF PLB bus [0:63] [64:127] DQS Rising DQS Falling Q3 0 6 4 2 (x64) Coarse Delay Cycles Driver Rec MemDCFdbkD MemDCFdbkR Ext FeedBack Read Start Feedback Data Capture Window DDR 1X Clock MCIF0_RDCC[RDSS] MCIF0_RFDC[RFFD] MCIF0_RFDC[RFOS] Stage 2 Store Oversampling DQS aligned CAS Lat Delay FeedBack Signal Gen Fine Delay T1 T2 T3 T4 Fine Delay FF FF 7 5 3 1 1 0 7 Edge Sync Edge Sync Upper Lower Signals pins FF Q2_Ovs FF FBK signal Delay +1 Compare DDR 1X Clock Oversampling Clock Read Latency adjust circuit C D FF FF adjust |