Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PPC440SPE-RNB667C Fiches technique(PDF) 31 Page - Applied Micro Circuits Corporation

No de pièce PPC440SPE-RNB667C
Description  PowerPC 440SPe Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMCC [Applied Micro Circuits Corporation]
Site Internet  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SPE-RNB667C Fiches technique(HTML) 31 Page - Applied Micro Circuits Corporation

Back Button PPC440SPE-RNB667C Datasheet HTML 27Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 28Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 29Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 30Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 31Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 32Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 33Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 34Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 35Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 80 page
background image
PowerPC 440SPe Embedded Processor
Revision 1.23 - Sept 21, 2006
AMCC Proprietary
31
Preliminary Data Sheet
PCIE2_RX0
J21
PCI-Express 0:2
50
PCIE2_RX0
K21
PCIE2_RX1
J19
PCIE2_RX1
K19
PCIE2_RX2
F20
PCIE2_RX2
F21
PCIE2_RX3
F18
PCIE2_RX3
F19
PCIE2_TX0
L21
PCIE2_TX0
L20
PCIE2_TX1
J20
PCIE2_TX1
H20
PCIE2_TX2
G21
PCIE2_TX2
H21
PCIE2_TX3
G19
PCIE2_TX3
H19
PCIE2AV25
L18
PCIE2AVREG
L19
PCIECalRN
T08
PCIECalRP
R08
PCIEPLLTSTON
J01
Table 3. Signals Listed Alphabetically (Sheet 15 of 25)
Signal Name
Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80