| Moteur de recherche de fiches techniques de composants électroniques |
|
PPC440SPE-RNB667C Fiches technique(PDF) 43 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC440SPE-RNB667C Fiches technique(HTML) 43 Page - Applied Micro Circuits Corporation |
|
43 / 80 page ![]() PowerPC 440SPe Embedded Processor Revision 1.23 - Sept 21, 2006 AMCC Proprietary 43 Preliminary Data Sheet E01 EMCTxD6 F01 TRCBS1 * G01 OVDD H01 TRCBS0 * E02 GPIO19_IRQ3 F02 TRCES3 * G02 TRCES1 * H02 EMCRxD3 E03 EMCTxD4 F03 EMCMDClk G03 EMCRxD2 H03 EMCRxD4 E04 IRQ4 * F04 EMCRxErr G04 GND H04 TRCTS0 * E05 PerOE F05 EMCRxD7 G05 TRCTS2 * H05 EMCCD E06 PerData09 F06 IRQ7 * G06 EMCTxD1 H06 TRCTS6 * E07 PerData14 F07 PerData07 G07 OVDD H07 EMCRefClk E08 PerData06 F08 PerData12 G08 PerData00 H08 IRQ8 * E09 PerAddr20 F09 PerData08 G09 UART0_RTS H09 IRQ5 * E10 PCIX0Gnt1 F10 UART1_DSR/CTS G10 GND H10 PerData01 E11 PerAddr19 F11 PerAddr12 G11 UART1_DTR/RTS H11 PerData03 E12 TESTEN F12 UART2_Tx G12 PerCS2 H12 UARTSerClk E13 PerAddr0 F13 UART2_Rx G13 OVDD H13 UART0_DCD E14 PerAddr1 F14 PerAddr9 G14 OVDD H14 PerAddr5 E15 PerAddr11 F15 PerR/W G15 PerErr H15 IIC1SDA E16 PerReady F16 Reserved G16 Reserved H16 PerAddr4 E17 PerAddr25 F17 Reserved G17 GND H17 IIC0SClk E18 PCIE1AVREG F18 PCIE2_RX3 G18 Reserved H18 IIC1SClk E19 PCIE1AV25 F19 PCIE2_RX3 G19 PCIE2_TX3 H19 PCIE2_TX3 E20 PCIE1_RX0 F20 PCIE2_RX2 G20 OVDD H20 PCIE2_TX1 E21 PCIE1_RX0 F21 PCIE2_RX2 G21 PCIE2_TX2 H21 PCIE2_TX2 E22 DQS6 F22 DQS6 G22 DM5 H22 MemData45 E23 MemData51 F23 MemData49 G23 GND H23 MemData42 E24 IRQ11 * F24 DM6 G24 MemData43 H24 MemData44 E25 MemData52 F25 MemData50 G25 DQS5 H25 DQS5 E26 IRQ10 * F26 MemData48 G26 OVDD H26 MemData41 Table 4. Signals Listed by Ball Assignment (Sheet 2 of 7) Ball Signal name Ball Signal name Ball Signal name Ball Signal name |