Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PPC440SP-RNC667C Fiches technique(PDF) 44 Page - Applied Micro Circuits Corporation

No de pièce PPC440SP-RNC667C
Description  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMCC [Applied Micro Circuits Corporation]
Site Internet  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SP-RNC667C Fiches technique(HTML) 44 Page - Applied Micro Circuits Corporation

Back Button PPC440SP-RNC667C Datasheet HTML 40Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 41Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 42Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 43Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 44Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 45Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 46Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 47Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 48Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 85 page
background image
PowerPC 440SP Embedded Processor
44
AMCC Proprietary
Revision 1.23 - Sept 26, 2006
Data Sheet
TCK
D10
JTAG
61
TDI
A10
TDO
D11
TestEn
A18
System
61
TmrClk
D08
TMS
C10
JTAG
61
[TrcClk] [GPIO00] PCIX0Req2
AA12
Trace
61
[TrcBS0] [GPIO01] PCIX0Req3
Y12
[TrcBS1] [GPIO02] PCIX0Gnt2
AC13
[TrcBS2] [GPIO03] PCIX0Gnt3
AF11
[TrcES0] [GPIO04] PCIX1Req2
C23
[TrcES1] [GPIO05] PCIX1Req3
E23
[TrcES2] [GPIO06] PCIX1Gnt2
D21
[TrcES3] [GPIO07] PCIX1Gnt3
D23
[TrcES4] [GPIO08] PerReady
G12
[TrcTS0] PerCS1 [GPIO09]
E12
[TrcTS1] PerCS2 [GPIO10]
H10
[TrcTS2] [GPIO11] IRQ0
C07
[TrcTS3] [GPIO12] IRQ1
C06
[TrcTS4] [GPIO13] IRQ2
A05
[TrcTS5] [GPIO14] IRQ3
C05
[TrcTS6] [GPIO15] IRQ4
D06
TRST
B10
JTAG
61
UART0_CTS
C09
UART Peripheral
60
UART0_DCD
A08
UART0_DSR
C11
UART0_DTR
A11
UART0_RI
A13
UART0_RTS
F11
UART0_Rx
H12
UART0_Tx
C08
Table 3. Signals Listed Alphabetically (Sheet 28 of 30)
Signal Name
Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85