Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PPC440SP-RNC667C Fiches technique(PDF) 11 Page - Applied Micro Circuits Corporation

No de pièce PPC440SP-RNC667C
Description  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMCC [Applied Micro Circuits Corporation]
Site Internet  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SP-RNC667C Fiches technique(HTML) 11 Page - Applied Micro Circuits Corporation

Back Button PPC440SP-RNC667C Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 10Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 11Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 12Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 13Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 14Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 15Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 85 page
background image
PowerPC 440SP Embedded Processor
Revision 1.23 - Sept 26, 2006
AMCC Proprietary
11
Data Sheet
• PCI Power Management Version 1.1
• PCI arbitration function with PCI-X Mode 2 support (optional)
• PCI register set addressable both from on-chip processor and PCI device sides
• Ability to boot from PCI-X bus memory
• Error tracking/status
• Supports initiation of transfer to the following address spaces:
– Single beat I/O reads and writes
– Single beat and burst memory reads and writes
– Single beat configuration reads and writes (Type 0 and Type 1)
– Single beat special cycles
• PCI-X initialization sequence support (frequency & mode determination)
• Support for unexpected split completions
• Outbound transaction split discard timers
• Vital Product Data (VPD) support
• PCI-to-PCI opaque bridge
DDR1/DDR2 SDRAM Memory Controller
The DDR2 SDRAM memory controller supports industry standard 184-pin DIMMs, SO-DIMMs, and other discrete
devices. Global memory timings, address and bank sizes, and memory addressing modes are programmable. The
DDR2 SDRAM controller interfaces to the PLB through a Memory Queue (MQ) function that includes six high-
speed 1KB FIFO buffers.
Features include:
• Registered and non-registered industry standard DIMMs
• DDR1 266-333-400
• DDR2 400-533-667
• 64-and 32-bit memory interfaces with optional 8-bit ECC (SEC/DED)
• 5.32GB/s peak bandwidth for the 64-bit interface
• 2.66GB/s peak bandwidth for the 32-bit interface
• Two chip (bank) select signals supporting two external banks
• CAS latencies of 2, 3, 4, 5, 6, and 7 supported
• Page mode accesses (up to 32 open pages) with configurable paging policy
• Look-ahead request queue with programmable depth of four commands.
• Optional optimized command scheduling (activate/precharge non-conflicting banks while accessing the current
bank)
• Up to 4GB in two external banks
• Programmable address mapping and timing
• Hardware and software initiated self-refresh
• Sync DRAM configuration by means of mode register and extended mode register set commands
• Power management (self-refresh, suspend, sleep)
• Low Latency & High Bandwidth PLB ports
• Selectable PLB read response (immediate or deferred)
• Programmable Low Latency & High Bandwidth arbitration schemes
• High Bandwidth port has four 1KB read buffers and two1KB write buffers
• Low Latency port has four 128B read buffers and two 128B write buffers
External Peripheral Bus Controller (EBC)
Features include:
• Support 2MB Boot ROM
• Up to three ROM, EPROM, SRAM, Flash memory, and slave peripherals supported
• Burst and non-burst devices
• 8-bit data bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85