Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PPC440SP-RNC667C Fiches technique(PDF) 35 Page - Applied Micro Circuits Corporation

No de pièce PPC440SP-RNC667C
Description  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMCC [Applied Micro Circuits Corporation]
Site Internet  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SP-RNC667C Fiches technique(HTML) 35 Page - Applied Micro Circuits Corporation

Back Button PPC440SP-RNC667C Datasheet HTML 31Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 32Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 33Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 34Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 35Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 36Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 37Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 38Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 39Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 85 page
background image
PowerPC 440SP Embedded Processor
Revision 1.23 - Sept 26, 2006
AMCC Proprietary
35
Data Sheet
PCIX1AD32
E28
PCI-X1
56
PCIX1AD33
F28
PCIX1AD34
F27
PCIX1AD35
D28
PCIX1AD36
G28
PCIX1AD37
M20
PCIX1AD38
M19
PCIX1AD39
L23
PCIX1AD40
A27
PCIX1AD41
G26
PCIX1AD42
C27
PCIX1AD43
D27
PCIX1AD44
F26
PCIX1AD45
K22
PCIX1AD46
K21
PCIX1AD47
K20
PCIX1AD48
H25
PCIX1AD49
J25
PCIX1AD50
E25
PCIX1AD51
B26
PCIX1AD52
E26
PCIX1AD53
J23
PCIX1AD54
J21
PCIX1AD55
H23
PCIX1AD56
B25
PCIX1AD57
C24
PCIX1AD58
D24
PCIX1AD59
C25
PCIX1AD60
A26
PCIX1AD61
A25
PCIX1AD62
D25
PCIX1AD63
F24
Table 3. Signals Listed Alphabetically (Sheet 19 of 30)
Signal Name
Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85