| Moteur de recherche de fiches techniques de composants électroniques |
|
HT1380 Fiches technique(PDF) 9 Page - SYC Electronica |
|
|
|||||||||||||||||||||||||||||
HT1380 Fiches technique(HTML) 9 Page - SYC Electronica |
|
9 / 13 page ![]() Timing Diagrams Read Data Transfer Write Data Transfer Application Circuits *Note: The value of the capacity depends on how accurate the crystal is. Refer to the suggestion table of page 7. Rev. 1.10 9 July 18, 2008 C D H t C o m m a n d B y t e C C t C D Z t D C t C D D t S C L K I / O 0 7 7 0 O u t p u t D a t a B y t e R E S T H T 1 3 8 0 / H T 1 3 8 1 M C U I n t e r f a c e S C L K I / O R E S T X 1 X 2 V S S 3 2 7 6 8 H z * C 1 * C 2 V D D C L t C H t C C t ft rt C C H t C W H t C D H t C o m m a n d B y t e D C t S C L K I / O 0 7 7 0 I n p u t D a t a B y t e R E S T |