| Moteur de recherche de fiches techniques de composants électroniques |
|
HT1380 Fiches technique(PDF) 8 Page - SYC Electronica |
|
|
|||||||||||||||||||||||||||||
HT1380 Fiches technique(HTML) 8 Page - SYC Electronica |
|
8 / 13 page ![]() Note: * In reading data byte from HT1380/HT1381 register, the first data bit to be transmitted at the first falling edge after the last bit of the command byte is written. Rev. 1.10 8 July 18, 2008 S T A R T E N D I n p u t t h e w r i t e p r o t e c t c o m m a n d b y t e 8 E H D i s a b l e t h e w r i t e p r o t e c t b i t ( W P ) b y s e t t i n g t h e M S B o f r e g i s t e r 7 t o z e r o I n p u t t h e w r i t e c o m m a n d b y t e 8 0 H E n a b l e t h e o s c i l l a t o r b y s e t t i n g t h e M S B o f r e g i s t e r 0 t o z e r o S T A R T D i s a b l e t h e w r i t e p r o t e c t b i t a n d e n a b l e t h e o s c i l l a t o r R e a d o r w r i t e t h e c o r r e s p o n d i n g r e g i s t e r d a t a b y t e s t a r t i n g w i t h b i t 0 * I n p u t t h e c o m m a n d b y t e s t a r t i n g w i t h b i t 0 S T A R T R e a d o r w r i t e a l l r e g i s t e r d a t a b y t e ( 6 4 d a t a b i t s ) i n t h e H T 1 3 8 1 s t a r t i n g w i t h b i t 0 o f r e g i s t e r 0 * I n p u t t h e b u r s t m o d e c o m m a n d b y t e ( $ B E o r $ B F ) s t a r t i n g w i t h b i t 0 E N D D i s a b l e t h e w r i t e p r o t e c t b i t a n d e n a b l e t h e o s c i l l a t o r I f a n o t h e r r e g i s t e r i s a c c e s s e d E N D Y e s N o S e t R E S T p i n f r o m l o w t o h i g h R e s e t R E S T p i n f r o m h i g h t o l o w S e t R E S T p i n f r o m l o w t o h i g h R e s e t R E S T p i n f r o m h i g h t o l o w R e s e t R E S T p i n f r o m h i g h t o l o w S e t R E S T p i n f r o m l o w t o h i g h S e t R E S T p i n f r o m l o w t o h i g h R e s e t R E S T p i n f r o m h i g h t o l o w · To disable the write protect (WP=0) bit and enable the oscillator (CH=0) · Single byte data transfer · Burst mode data transfer |