Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FACESEALS Fiches technique(PDF) 6 Page - France Joint

No de pièce FACESEALS
Description  FLOATING SEALS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FRANCEJOINT [France Joint]
Site Internet  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

FACESEALS Fiches technique(HTML) 6 Page - France Joint

Back Button FACESEALS Datasheet HTML 2Page - France Joint FACESEALS Datasheet HTML 3Page - France Joint FACESEALS Datasheet HTML 4Page - France Joint FACESEALS Datasheet HTML 5Page - France Joint FACESEALS Datasheet HTML 6Page - France Joint FACESEALS Datasheet HTML 7Page - France Joint FACESEALS Datasheet HTML 8Page - France Joint FACESEALS Datasheet HTML 9Page - France Joint FACESEALS Datasheet HTML 10Page - France Joint Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
FACE SEALS - FLOATING SEALS
1.
Description
Track vehicles and construction machinery are constantly evolving, as they face extreme environments and come
into contact with dust, water and mud splashes, and stone, as well as the effects of ultra violet rays and aggressive
fluids. Such restrictions mean that strong floating seals must be used that are able to resist abrasion and corrosion.
Floating seals are characterised by two identical metal friction rings mounted one on top of the other and centred in
their groove by two rubber components that exercise a uniform axial pressure between the seal and the housing. The
first metal ring remains static in its housing while the other, in rotation, ensures the sealing by creating friction between
the two components in contact. The mating surface material of the friction ring is lapped to a width of approximately
2.5 mm.
The metal friction rings are conically designed with a perpendicular angle, so that when the seal rings come in contact
there is a wedge-shaped gap perpendicular to the axis, which encourages the flow of lubricant towards the seal
surfaces. Additionally, the friction exercised over time causes the friction surfaces to continually move towards the
inside diameter of the seal, which provides resistance to significant wear and thus extends its longevity.
2.
Applications
BECA 830: Excavator roller
BECA 830: Tractor axle
EN-TETE CONTINU
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
FACE SEALS - FLOATING SEALS
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20