Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FACESEALS Fiches technique(PDF) 5 Page - France Joint

No de pièce FACESEALS
Description  FLOATING SEALS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FRANCEJOINT [France Joint]
Site Internet  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

FACESEALS Fiches technique(HTML) 5 Page - France Joint

  FACESEALS Datasheet HTML 1Page - France Joint FACESEALS Datasheet HTML 2Page - France Joint FACESEALS Datasheet HTML 3Page - France Joint FACESEALS Datasheet HTML 4Page - France Joint FACESEALS Datasheet HTML 5Page - France Joint FACESEALS Datasheet HTML 6Page - France Joint FACESEALS Datasheet HTML 7Page - France Joint FACESEALS Datasheet HTML 8Page - France Joint FACESEALS Datasheet HTML 9Page - France Joint Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
3D test device
EN-TETE CONTINU
EN-TETE CONTINU
www.francejoint.com
FACE SEALS - FLOATING SEALS
FACE SEALS - FLOATING SEALS
5
Ambitious with customer satisfaction a priority, FRANCE JOINT has thus
obtained the most powerful methods (PPAP, AMDEC, value analysis, Audits,
MRP, 8D analysis, SPC, R&R ...) in order to optimize simultaneously the
capacity of machines and processes, operational manpower performances,
organizational methods, and finally, product and financial results.
FRANCE JOINT guarantees the best technology and pursues its daily
objectives of a “Zero defects” production, through physico chemical controls
(rheometer, spectrometer, durometer...), through
dimensional and final aspects (unit controlling
equipment, 3D camera ...). This is because the search
for competitiveness is as important as the search for
continuous improvement.
FRANCE JOINT’s contributors, who are as much inventors as technicians,
get the best of fully automated, state-of-the-art technology that takes them
from drawing-board to prototype and finally to assembly line. From writing
specifications to putting on a major technical event through designing (3D
Solidwrks software) and testing for validation and compliance, FRANCE
JOINT engineering works hand in hand with you to find the best solutions
guaranteeing the level of expected performance.
More than 1000 compounds integrating elastomers, PTFE materials,
Polyurethane, or even thermoplastics, as many solutions vis-a-vis the new most
complex requirements which will put you in pole position today so that we can
all be winners tomorrow. FRANCE JOINT puts in place qualifications in order to
examine the behavior of its seals according to various parameters intervening
on frictions, pressures,
temperatures, speeds,
strokes, leakages…
Several certificates
obtained, ISO 9001, and
ISO/TS16949, testify to
the quality department’s
commitment to constant
progress at every level
of the company, at all
stages of the realization,
particularly where
continual improvement
is what has made
FRANCE JOINT the
name it is today�
Innovation, reliability,
safety, minimization of
risk: your expectations
are our daily concern�
To get from the idea to
the finished product
demands firm managerial
control over a wide
range of projects in
addition to expertise
in manufacturing�
QUALITY
IN OUR CONCERNS
RESEARCH &
DEVELOPMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20