| Moteur de recherche de fiches techniques de composants électroniques |
|
FACESEALS Fiches technique(PDF) 17 Page - France Joint |
|
|
|||||||||||||||||||||||||||||
FACESEALS Fiches technique(HTML) 17 Page - France Joint |
|
17 / 20 page ![]() EN-TETE CONTINU EN-TETE CONTINU Part number I Dimensions of the floating seal Dimensions of the O'Ring Dimensions of the housing ØDi ØDa L Ød1 Ød2 ØD* ØD1* ØD3 L1 L2 L4 R1 *tol +/- 830�046501 3�00 465�00 497�20 43�60 460�00 12�70 503�10 500�90 482�90 21�20 23�00 4�70 7�00 0�25 830�047001 3�00 470�00 500�00 50�00 474�00 16�00 512�20 510�20 490�00 23�50 25�50 4�00 6�00 0�40 830�050505 6�00 505�00 533�40 43�60 493�00 12�70 538�40 537�40 521�00 19�70 21�70 4�00 6�50 0�25 830�050506 3�00 505�00 535�80 43�60 493�00 12�70 541�80 539�70 521�00 19�70 21�70 4�20 6�50 0�25 830�053001 3�00 530�00 560�00 50�00 530�00 16�00 572�20 570�20 545�00 23�50 25�50 4�00 6�00 0�40 830�053801 6�00 538�00 566�80 43�60 535�00 12�70 572�20 571�20 554�00 19�70 21�70 4�00 6�50 0�25 830�055501 555�00 590�00 42�00 550�00 13�50 830�055901 3�00 559�00 590�00 50�00 560�00 16�00 602�20 600�20 575�00 23�50 25�50 4�00 6�00 0�40 830�057601 6�00 576�00 608�00 43�60 582�00 12�70 613�00 612�00 596�00 19�70 21�70 4�00 6�50 0�25 830�058105 6�00 581�50 608�00 43�60 582�00 12�70 613�00 612�00 596�00 19�70 21�70 4�00 6�50 0�25 830�059101 5�25 591�00 623�00 50�00 595�00 16�00 635�20 633�20 613�00 23�50 25�50 4�00 6�00 0�40 830�059601 5�25 596�00 628�00 50�00 595�00 16�00 640�20 638�20 618�00 23�50 25�50 4�00 6�00 0�40 830�066001 13�00 660�00 695�00 53�00 660�00 16�00 704�00 702�00 680�00 20�00 22�50 4�00 6�00 0�40 830�066701 9�00 667�00 700�00 43�60 660�00 12�70 705�60 704�30 687�00 21�30 24�00 3�70 6�30 0�25 830�066702 667�00 700�00 45�00 660�00 12�70 830�066703 6�00 667�00 700�00 50�00 660�00 12�70 705�60 704�70 687�70 21�30 26�20 3�70 6�30 0�13 830�071801 3�00 718�00 750�00 50�00 722�00 16�00 762�20 760�20 740�00 23�50 25�50 4�00 6�00 0�40 830�073001 730�00 768�00 50�00 740�00 16�00 830�077001 17�00 770�00 826�00 80�00 780�00 20�50 831�90 830�90 800�00 34�50 39�50 4�40 10�00 0�40 830�078001 17�00 780�00 836�00 80�00 790�00 20�50 841�90 840�90 810�00 34�50 39�50 4�40 10�00 0�40 830�081701 12�00 817�00 865�00 46�60 830�00 12�70 870�60 869�70 852�70 21�30 26�20 3�80 6�30 0�13 830�082501 11�00 825�00 865�30 48�00 819�00 12�70 870�56 869�67 852�68 18�40 23�30 3�70 6�30 0�13 830�083001 17�00 830�00 886�00 80�00 840�00 20�50 891�90 890�90 860�00 34�50 39�50 4�50 10�00 0�40 830�083201 6�00 832�00 865�00 43�60 830�00 12�70 870�60 869�70 852�70 21�30 26�20 3�80 6�30 0�13 830�083202 12�00 832�00 865�00 46�60 830�00 12�70 870�60 869�70 852�70 21�30 26�20 3�80 6�30 0�13 830�090201 16�00 902�00 941�00 60�00 897�00 16�25 946�30 945�20 922�40 23�80 25�20 4�65 8�00 0�40 830�092001 17�00 920�00 976�00 80�00 930�00 20�50 981�90 980�90 950�00 34�50 39�50 4�40 10�00 0�40 830�103001 17�00 1030�00 1085�00 80�00 1020�00 20�50 1090�90 1089�90 1058�00 34�50 39�50 4�40 10�00 0�40 830�104401 17�00 1044�00 1105�00 80�00 1050�00 20�50 1110�90 1109�90 1078�00 34�50 39�50 4�40 10�00 0�40 830�117501 17�00 1175�00 1236�00 80�00 1170�00 20�50 1241�90 1240�40 1209�00 34�50 39�50 4�40 10�00 0�40 830�137201 17�00 1372�00 1425�00 80�00 1350�00 20�50 1430�90 1429�90 1398�00 34�50 39�50 4�40 10�00 0�40 www.francejoint.com FACE SEALS - FLOATING SEALS | BECA 830 FACE SEALS - FLOATING SEALS | BECA 830 17 |