Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M68ICS08KX Fiches technique(PDF) 23 Page - Motorola, Inc

No de pièce M68ICS08KX
Description  In-circuit Simulator Board
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68ICS08KX Fiches technique(HTML) 23 Page - Motorola, Inc

Back Button M68ICS08KX Datasheet HTML 19Page - Motorola, Inc M68ICS08KX Datasheet HTML 20Page - Motorola, Inc M68ICS08KX Datasheet HTML 21Page - Motorola, Inc M68ICS08KX Datasheet HTML 22Page - Motorola, Inc M68ICS08KX Datasheet HTML 23Page - Motorola, Inc M68ICS08KX Datasheet HTML 24Page - Motorola, Inc M68ICS08KX Datasheet HTML 25Page - Motorola, Inc M68ICS08KX Datasheet HTML 26Page - Motorola, Inc M68ICS08KX Datasheet HTML 27Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 77 page
background image
Preparation and Installation
Hardware Preparation
M68ICS08KX In-Circuit Simulator
User’s Manual
MOTOROLA
Preparation and Installation
23
Figure 2-1 KXICS with SOIC-to-DIP Adapter
2.2.4 Connecting the KXICS to the host PC.
Locate the 9-pin connector labeled J6 on the board. Using the cable
provided, connect it to a serial COM port on the host PC.
2.2.5 Applying power to the KXICS.
CAUTION:
Although applying power is described here, do not apply power until all other
configuring, installing, and cable connections are completed. Equipment
damage can result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77