| Moteur de recherche de fiches techniques de composants électroniques |
|
M68ICS08KX Fiches technique(PDF) 38 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
M68ICS08KX Fiches technique(HTML) 38 Page - Motorola, Inc |
|
38 / 77 page ![]() User’s Manual M68ICS08KX In-Circuit Simulator 38 Support Information MOTOROLA Support Information 3.5.2 Target Ribbon Interface Connector J5 The KXICS includes a connector, J5 (Table 3-2), which allows a convenient connection to the target, using a 16-pin ribbon cable. Table 3-2 J5 Target Connector Pin Assignments Pin No. Schematic NET Direction Signal Description 1Common 2 PTA1 Bidirectional Port A I/O 3 PTA0 Bidirectional Port A I/O 4IRQ* In Target interrupt request to MCU 5 PTB0 Bidirectional Port B I/O 6 PTB1 Bidirectional Port B I/O 7 PTB2 Bidirectional Port B I/O 8 PTB3 Bidirectional Port B I/O 9 PTB7 Bidirectional Port B I/O 10 OSC1/PTB6 Bidirectional Clock signal from xtal or MCU/Port B I/O 11 PTB5 Bidirectional Port B I/O 12 PTB4 Bidirectional Port B I/O 13 PTA2 Bidirectional Port A I/O 14 PTA3 Bidirectional Port A I/O 15 PTA4 Bidirectional Port A I/O 16 VDD KXICS Supply Voltage |