| Moteur de recherche de fiches techniques de composants électroniques |
|
M68ICS08KX Fiches technique(PDF) 30 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
M68ICS08KX Fiches technique(HTML) 30 Page - Motorola, Inc |
|
30 / 77 page ![]() User’s Manual M68ICS08KX In-Circuit Simulator 30 Preparation and Installation MOTOROLA Preparation and Installation When emulating, connect the 40-pin M68CLB05A flex cable to the connector labeled J1on the simulator board. Attach the other end of the cable to the appropriate connector on the target system. Target head adapters are available. • Emulating using a ribbon cable When emulating, connect a 16-pin flat ribbon cable to connector J5 on the simulator board. Attach the other end of the cable to the appropriate connector on the target system. • Using a MON08 cable to debug the target system. NOTE: An MCU must be installed in the target system. No MCU should on the KXICS. Connect the MON08 debug interface cable to the appropriate MON08 debug interface connector, J3, for communication with the target system’s MCU. Attach the other end of the cable to the appropriate connector on the target system. NOTE: For more detailed information on the MONO8, refer to Section 4 of this manual. 2.6 Installing the Software For instructions for installing the ICS08 software, refer to P&E Microcomputer Systems, Inc., M68ICS08 68HC08 In-Circuit Simulator Operator’s Manual, Motorola document order number M68ICS08OM/D. |