Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

024.024 Fiches technique(PDF) 5 Page - France Joint

No de pièce 024.024
Description  PISTON SEALS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FRANCEJOINT [France Joint]
Site Internet  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

024.024 Fiches technique(HTML) 5 Page - France Joint

  024.024 Datasheet HTML 1Page - France Joint 024.024 Datasheet HTML 2Page - France Joint 024.024 Datasheet HTML 3Page - France Joint 024.024 Datasheet HTML 4Page - France Joint 024.024 Datasheet HTML 5Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Part number
Series
Bore diameter
Groove diameter
Groove width
AS4716 / MIL-G-5514
AS4716
MIL-G-5514
0 BAE
1 BAE
2 BAE
ØD1
Ød1
Ød1
L1 min
L2 min
L3 min
024.425
425
126.34
114.22
114.22
9.53
12.07
14.71
024.426
426
129.51
117.40
117.40
9.53
12.07
14.71
024.427
427
132.69
120.57
120.57
9.53
12.07
14.71
024.428
428
135.86
123.75
123.75
9.53
12.07
14.71
024.429
429
139.04
126.92
126.92
9.53
12.07
14.71
024.430
430
142.21
130.10
130.10
9.53
12.07
14.71
024.431
431
145.39
133.27
133.27
9.53
12.07
14.71
024.432
432
148.56
136.45
136.45
9.53
12.07
14.71
024.433
433
151.74
139.62
139.62
9.53
12.07
14.71
024.434
434
154.91
142.80
142.80
9.53
12.07
14.71
024.435
435
158.09
145.97
145.97
9.53
12.07
14.71
024.436
436
161.26
149.15
149.15
9.53
12.07
14.71
024.437
437
164.44
152.32
152.32
9.53
12.07
14.71
024.438
438
170.79
158.67
158.67
9.53
12.07
14.71
024.439
439
177.14
165.02
165.02
9.53
12.07
14.71
024.440
440
183.49
171.37
171.37
9.53
12.07
14.71
024.441
441
189.84
177.72
177.72
9.53
12.07
14.71
024.442
442
196.19
184.07
184.07
9.53
12.07
14.71
024.443
443
202.54
190.47
190.42
9.53
12.07
14.71
024.444
444
208.89
196.77
196.77
9.53
12.07
14.71
024.445
445
215.24
203.12
203.12
9.53
12.07
14.71
024.446
446
227.94
215.82
215.82
9.53
12.07
14.71
024.447
447
240.64
228.52
228.52
9.53
12.07
14.71
024.448
448
253.34
241.22
241.22
9.53
12.07
14.71
024.449
449
266.04
253.92
253.92
9.53
12.07
14.71
024.450
450
278.74
266.62
266.62
9.53
12.07
14.71
024.451
451
291.44
279.32
279.32
9.53
12.07
14.71
024.452
452
304.14
292.02
292.02
9.53
12.07
14.71
024.453
453
316.84
304.72
304.72
9.53
12.07
14.71
024.454
454
329.54
317.42
317.42
9.53
12.07
14.71
024.455
455
342.24
330.12
330.12
9.53
12.07
14.71
024.456
456
354.94
342.82
342.82
9.53
12.07
14.71
024.457
457
367.64
355.52
355.52
9.53
12.07
14.71
024.458
458
380.34
368.22
368.22
9.53
12.07
14.71
024.459
459
393.04
380.92
380.92
9.53
12.07
14.71
024.460
460
405.74
393.62
393.62
9.53
12.07
14.71
FRANCE JOINT SAS Zone Artisanale Le Mortier - B.P. 50009 - Cugand - 85613 Montaigu Cedex - France
Ph.
+33 (0)2 51 42 13 76 - Fax +33 (0)2 51 43 61 14 - Email: contact@francejoint.fr - Website: www.francejoint.com
AEROSPACE SEALS | PISTON SEALS |
BECA 024



Html Pages

1 2 3 4 5