Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

024.024 Fiches technique(PDF) 4 Page - France Joint

No de pièce 024.024
Description  PISTON SEALS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FRANCEJOINT [France Joint]
Site Internet  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

024.024 Fiches technique(HTML) 4 Page - France Joint

  024.024 Datasheet HTML 1Page - France Joint 024.024 Datasheet HTML 2Page - France Joint 024.024 Datasheet HTML 3Page - France Joint 024.024 Datasheet HTML 4Page - France Joint 024.024 Datasheet HTML 5Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Part number
Series
Bore diameter
Groove diameter
Groove width
AS4716 / MIL-G-5514
AS4716
MIL-G-5514
0 BAE
1 BAE
2 BAE
ØD1
Ød1
Ød1
L1 min
L2 min
L3 min
024.212
212
28.35
22.20
22.17
4.78
5.97
7.72
024.213
213
29.92
23.77
23.75
4.78
5.97
7.72
024.214
214
31.52
25.37
25.35
4.78
5.97
7.72
024.215
215
33.10
27.03
26.92
4.78
5.97
7.72
024.216
216
34.70
25.55
28.52
4.78
5.97
7.72
024.217
217
36.27
30.12
30.10
4.78
5.97
7.72
024.218
218
37.87
31.72
31.70
4.78
5.97
7.72
024.219
219
39.45
33.30
33.27
4.78
5.97
7.72
024.220
220
41.05
34.90
34.87
4.78
5.97
7.72
024.221
221
42.62
36.47
36.45
4.78
5.97
7.72
024.222
222
44.22
38.07
38.05
4.78
5.97
7.72
024.223
223
47.42
41.28
41.25
4.78
5.97
7.72
024.224
224
50.60
44.45
44.42
4.78
5.97
7.72
024.225
225
53.80
47.65
47.63
4.78
5.97
7.72
024.226
226
56.97
50.83
50.80
4.78
5.97
7.72
024.227
227
60.15
54.00
53.98
4.78
5.97
7.72
024.228
228
63.32
57.18
57.15
4.78
5.97
7.72
024.229
229
66.50
60.35
60.33
4.78
5.97
7.72
024.230
230
69.67
63.53
63.50
4.78
5.97
7.72
024.231
231
72.85
66.70
66.68
4.78
5.97
7.72
024.232
232
76.02
69.88
69.85
4.78
5.97
7.72
024.233
233
79.20
73.05
73.03
4.78
5.97
7.72
024.234
234
82.37
76.23
76.20
4.78
5.97
7.72
024.235
235
85.55
79.40
79.38
4.78
5.97
7.72
024.236
236
88.72
82.58
82.55
4.78
5.97
7.72
024.237
237
91.90
85.75
85.73
4.78
5.97
7.72
024.238
238
95.07
88.93
88.93
4.78
5.97
7.72
024.239
239
98.25
92.10
92.10
4.78
5.97
7.72
024.240
240
101.42
95.28
95.28
4.78
5.97
7.72
024.241
241
104.60
98.45
98.45
4.78
5.97
7.72
024.242
242
107.77
101.63
101.63
4.78
5.97
7.72
024.243
243
110.95
104.80
104.80
4.78
5.97
7.72
024.244
244
114.12
107.98
107.98
4.78
5.97
7.72
024.245
245
117.30
111.15
111.15
4.78
5.97
7.72
024.246
246
120.47
114.33
114.33
4.78
5.97
7.72
024.247
247
123.65
117.50
117.50
4.78
5.97
7.72
024.325
325
47.42
37.97
37.97
7.14
8.48
10.77
024.326
326
50.60
41.15
41.15
7.14
8.48
10.77
024.327
327
53.80
44.35
44.35
7.14
8.48
10.77
024.328
328
56.97
47.52
47.52
7.14
8.48
10.77
024.329
329
60.15
50.70
50.70
7.14
8.48
10.77
024.330
330
63.32
53.87
53.87
7.14
8.48
10.77
024.331
331
66.50
57.05
57.05
7.14
8.48
10.77
024.332
332
69.67
60.22
60.22
7.14
8.48
10.77
024.333
333
72.85
63.40
63.40
7.14
8.48
10.77
024.334
334
76.02
66.57
66.57
7.14
8.48
10.77
024.335
335
79.20
69.75
69.75
7.14
8.48
10.77
024.336
336
82.37
72.92
72.92
7.14
8.48
10.77
024.337
337
85.55
76.10
76.10
7.14
8.48
10.77
024.338
338
88.72
79.27
79.27
7.14
8.48
10.77
024.339
339
91.90
82.45
82.45
7.14
8.48
10.77
024.340
340
95.07
85.62
85.62
7.14
8.48
10.77
024.341
341
98.25
88.80
88.80
7.14
8.48
10.77
024.342
342
101.42
91.97
91.97
7.14
8.48
10.77
024.343
343
104.60
95.15
95.15
7.14
8.48
10.77
024.344
344
107.77
98.32
98.32
7.14
8.48
10.77
024.345
345
110.95
101.50
101.50
7.14
8.48
10.77
024.346
346
114.12
104.67
104.67
7.14
8.48
10.77
024.347
347
117.30
107.85
107.85
7.14
8.48
10.77
024.348
348
120.47
111.02
111.02
7.14
8.48
10.77
024.349
349
123.65
114.20
114.20
7.14
8.48
10.77
www.francejoint.com
AEROSPACE SEALS | PISTON SEALS |
BECA 024



Html Pages

1 2 3 4 5