| Moteur de recherche de fiches techniques de composants électroniques |
|
024.024 Fiches technique(PDF) 2 Page - France Joint |
|
|
|||||||||||||||||||||||||||||
024.024 Fiches technique(HTML) 2 Page - France Joint |
|
2 / 5 page ![]() | GROOVE WIDTHS AND EXTRUSION GAPS Series Groove width Extrusion gaps F L1 min - max L2 min - max L3 min - max 010 - 012 2.39 - 2.52 3.81 - 4.06 5.26 - 5.51 0.10 013 - 028 2.39 - 2.52 3.81 - 4.06 5.26 - 5.51 0.13 110 - 128 3.58 - 3.83 4.65 - 4.90 6.22 - 6.47 0.13 129 - 140 3.58 - 3.83 4.65 - 4.90 6.22 - 6.47 0.15 141 - 149 3.58 - 3.83 4.65 - 4.90 6.22 - 6.47 0.18 210 - 223 4.78 - 5.03 5.97 - 6.22 7.72 - 7.97 0.13 224 - 227 4.78 - 5.03 5.97 - 6.22 7.72 - 7.97 0.15 228 - 243 4.78 - 5.03 5.97 - 6.22 7.72 - 7.97 0.18 244 - 247 4.78 - 5.03 5.97 - 6.22 7.72 - 7.97 0.20 325 - 329 7.14 - 7.39 8.48 - 8.73 10.77 - 11.02 0.15 330 - 345 7.14 - 7.39 8.48 - 8.73 10.77 - 11.02 0.18 346 - 349 7.14 - 7.39 8.48 - 8.73 10.77 - 11.02 0.20 425 - 445 9.53 - 9.78 12.07 - 12.32 14.71 - 14.96 0.23 446 9.53 - 9.78 12.07 - 12.32 14.71 - 14.96 0.25 447 - 460 9.53 - 9.78 12.07 - 12.32 14.71 - 14.96 0.28 | TOLERANCES ON THE BORE DIAMETERS AND GROOVE DIAMETERS Series Tolerance on bore diameter ØD1 Tolerance on groove diameter Ød1 010 - 012 0/+0.025 -0.025/0 013 - 349 0/+0.050 -0.050/0 425 - 446 0/+0.076 -0.050/0 447 - 460 0/+0.100 -0.076/0 L1/L2/L3 C R2 R1 www.francejoint.com AEROSPACE SEALS | PISTON SEALS | BECA 024 |