Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VIPER100A-E Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce VIPER100A-E
Description  SMPS PRIMARY I.C.
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER100A-E Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button VIPER100A-E Datasheet HTML 19Page - STMicroelectronics VIPER100A-E Datasheet HTML 20Page - STMicroelectronics VIPER100A-E Datasheet HTML 21Page - STMicroelectronics VIPER100A-E Datasheet HTML 22Page - STMicroelectronics VIPER100A-E Datasheet HTML 23Page - STMicroelectronics VIPER100A-E Datasheet HTML 24Page - STMicroelectronics VIPER100A-E Datasheet HTML 25Page - STMicroelectronics VIPER100A-E Datasheet HTML 26Page - STMicroelectronics VIPER100A-E Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
VIPer100A-E/ASP-E
8 Package Mechanical Data
23/31
8
Package Mechanical Data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second Level Interconnect is marked on the package and on the inner box label, in compliance
with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also
marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are
available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31