| Moteur de recherche de fiches techniques de composants électroniques |
|
VIPER100A-E Fiches technique(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER100A-E Fiches technique(HTML) 10 Page - STMicroelectronics |
|
10 / 31 page ![]() 4 Typical Circuit VIPer100A-E/ASP-E 10/31 4 Typical Circuit Figure 3. Offline Power Supply With Auxiliary Supply Feedback Figure 4. Offline Power Supply With Optocoupler Feedback AC IN +Vcc GND F1 BR1 D3 R9 C1 R7 C4 C2 TR2 R1 C3 D1 D2 C10 TR1 C9 C7 L2 R3 C6 C5 R2 U1 VIPer100 - + 13V OSC COMP SOURCE DRAIN VDD FC00081 C11 FC 00091 AC IN F1 BR1 D3 R9 C1 R7 C4 C2 TR2 R1 C3 D1 D2 C10 TR1 C9 C7 L2 +Vcc GND C8 C5 R2 U1 VIPer100 U2 R4 R5 ISO1 R6 R3 C6 - + 13V OSC COMP SOURCE DRAIN VDD C11 |