Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC87F5LP6A Fiches technique(PDF) 27 Page - Sanyo Semicon Device

No de pièce LC87F5LP6A
Description  CMOS IC FROM 256K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F5LP6A Fiches technique(HTML) 27 Page - Sanyo Semicon Device

Back Button LC87F5LP6A Datasheet HTML 20Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 21Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 22Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 23Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 24Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 25Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 26Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 27Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 28Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
LC87F5LP6A
No.A0664-27/28
Figure 5 Reset Circuit
Figure 6 Serial I/O Test Condition
Figure 7 Pulse Input Timing Signal Waveform
CRES
VDD
RRES
RES
Note:
Select CRES and RRES value to assure that at least 200µs
reset time is generated after the VDD becomes higher than
the minimum operating voltage.
tPIL
tPIH
DI0
DI7
DI2
DI3
DI4
DI5
DI6
DI8
DO0
DO7
DO2
DO3
DO4
DO5
DO6
DO8
DI1
DO1
SIOCLK:
DATAIN:
DATAOUT:
DATAOUT:
DATAIN:
SIOCLK:
DATAOUT:
DATAIN:
SIOCLK:
tSCK
tSCKL
tSCKH
thDI
tsDI
tdDO
tSCKLA
tSCKHA
thDI
tsDI
tdDO
Data RAM
transmission period
(SIO0, 2 only)
Data RAM
transmission period
(SIO0, 2 only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28