Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC87F5LP6A Fiches technique(PDF) 8 Page - Sanyo Semicon Device

No de pièce LC87F5LP6A
Description  CMOS IC FROM 256K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F5LP6A Fiches technique(HTML) 8 Page - Sanyo Semicon Device

Back Button LC87F5LP6A Datasheet HTML 4Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 5Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 6Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 7Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 8Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 9Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 10Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 11Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LC87F5LP6A
No.A0664-8/28
QIP
NAME
TQFP
QIP
NAME
TQFP
1
PA3/AN12
98
51
SI2P2/SCK2
48
2
PA4/AN13
99
52
SI2P3/SCK20
49
3
PA5/AN14
100
53
PWM1
50
4
P70/INT0/T0LCP/AN8
1
54
PWM0
51
5
P71/INT1/T0HCP/AN9
2
55
VDD2
52
6
P72/INT2/T0IN/T0LCP
3
56
VSS2
53
7
P73/INT3/T0IN/T0HCP
4
57
P00
54
8
RES
5
58
P01
55
9
XT1/AN10
6
59
P02
56
10
XT2/AN11
7
60
P03
57
11
VSS1
8
61
P04
58
12
CF1
9
62
P05/CKO
59
13
CF2
10
63
P06/T6O
60
14
VDD1
11
64
P07/T7O
61
15
P80/AN0
12
65
P20/INT4/T1IN/T0LCP/T0HCP/INT6/T0LCP1
62
16
P81/AN1
13
66
P21/INT4/T1IN/T0LCP/T0HCP
63
17
P82/AN2
14
67
P22/INT4/T1IN/T0LCP/T0HCP
64
18
P83/AN3
15
68
P23/INT4/T1IN/T0LCP/T0HCP
65
19
P84/AN4
16
69
P24/INT5/T1IN/T0LCP/T0HCP/INT7/T0HCP1
66
20
P85/AN5
17
70
P25/INT5/T1IN/T0LCP/T0HCP
67
21
P86/AN6
18
71
P26/INT5/T1IN/T0LCP/T0HCP
68
22
P87/AN7
19
72
P27/INT5/T1IN/T0LCP/T0HCP
69
23
P10/SO0
20
73
P30/PWM4
70
24
P11/SI0/SB0
21
74
P31/PWM5
71
25
P12/SCK0
22
75
P32/UTX1
72
26
P13/SO1
23
76
P33/URX1
73
27
P14/SI1/SB1
24
77
P34/UTX2
74
28
P15/SCK1
25
78
P35/URX2
75
29
P16/T1PWML
26
79
P36
76
30
P17/T1PWMH/BUZ
27
80
PB7
77
31
PE0
28
81
PB6
78
32
PE1
29
82
PB5
79
33
PE2
30
83
PB4
80
34
PE3
31
84
PB3
81
35
PE4
32
85
PB2
82
36
PE5
33
86
PB1
83
37
PE6
34
87
PB0
84
38
PE7
35
88
VSS3
85
39
VSS4
36
89
VDD3
86
40
VDD4
37
90
PC7/DBGP2
87
41
PF0
38
91
PC6/DBGP1
88
42
PF1
39
92
PC5/DBGP0
89
43
PF2
40
93
PC4
90
44
PF3
41
94
PC3
91
45
PF4
42
95
PC2
92
46
PF5
43
96
PC1
93
47
PF6
44
97
PC0
94
48
PF7
45
98
PA0
95
49
SI2P0/SO2
46
99
PA1
96
50
SI2P1/SI2/SB2
47
100
PA2
97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28