Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC87F5LP6A Fiches technique(PDF) 9 Page - Sanyo Semicon Device

No de pièce LC87F5LP6A
Description  CMOS IC FROM 256K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F5LP6A Fiches technique(HTML) 9 Page - Sanyo Semicon Device

Back Button LC87F5LP6A Datasheet HTML 5Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 6Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 7Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 8Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 9Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 10Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 11Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 12Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LC87F5LP6A
No.A0664-9/28
System Block Diagram
Interrupt control
CF
Standby control
RC
X’tal
IR
PLA
Flash ROM
PC
SIO0
SIO1
Timer 0
Timer 1
Bus interface
Port 1
Port 0
Port 7
Port 8
ADC
Port 2 INT4, 5, 6, 7
ACC
B register
C register
PSW
RAR
RAM
Stack pointer
Watchdog timer
PWM0
PWM1
Base timer
ALU
INT0 to 3
Noise rejection filter
SIO2
Timer 4
Timer 5
Port 3
Timer 6
Timer 7
Port E
Port C
MRC
Port A
Port B
Port F
PWM4
UART1
UART2
PWM5
On-chip debugger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28