| Moteur de recherche de fiches techniques de composants électroniques |
|
PM7367 Fiches technique(PDF) 179 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7367 Fiches technique(HTML) 179 Page - PMC-Sierra, Inc |
|
179 / 323 page ![]() PM7367 FREEDM-32P32 DATA SHEET PMC-1991499 ISSUE 2 FRAME ENGINE AND DATA LINK MANAGER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE 165 RPDRSFQR[15:0]: The receive packet descriptor reference (RPDR) small buffer free queue read bits (RPDRSFQR[15:0]) define bits 17 to 2 of the Receive Packet Descriptor Reference Small Buffer Free Queue read pointer. This register is initialised by the host. The physical read address in the RPDRSF queue is the sum of RPDRSFQR[15:0] left shifted by 2 bits with the RQB[31:0] bits in the RMAC Receive Queue Base register. |