| Moteur de recherche de fiches techniques de composants électroniques |
|
PM7367 Fiches technique(PDF) 321 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7367 Fiches technique(HTML) 321 Page - PMC-Sierra, Inc |
|
321 / 323 page ![]() PM7367 FREEDM-32P32 DATA SHEET PMC-1991499 ISSUE 2 FRAME ENGINE AND DATA LINK MANAGER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE 307 17 ORDERING AND THERMAL INFORMATION Table 36 – FREEDM-32P32 Ordering Information PART NO. DESCRIPTION PM7367-PI 272 Plastic Ball Grid Array (PBGA) Table 37 – FREEDM-32P32 Thermal Information PART NO. CASE TEMPERATURE Theta Ja Theta Jc PM7367-PI -40°C to +85°C 28 °C/W 7 °C/W |