Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM7367 Fiches technique(PDF) 265 Page - PMC-Sierra, Inc

No de pièce PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PMC [PMC-Sierra, Inc]
Site Internet  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Fiches technique(HTML) 265 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 261Page - PMC-Sierra, Inc PM7367 Datasheet HTML 262Page - PMC-Sierra, Inc PM7367 Datasheet HTML 263Page - PMC-Sierra, Inc PM7367 Datasheet HTML 264Page - PMC-Sierra, Inc PM7367 Datasheet HTML 265Page - PMC-Sierra, Inc PM7367 Datasheet HTML 266Page - PMC-Sierra, Inc PM7367 Datasheet HTML 267Page - PMC-Sierra, Inc PM7367 Datasheet HTML 268Page - PMC-Sierra, Inc PM7367 Datasheet HTML 269Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
251
Register 0x00 : Vendor Identification/Device Identification
Bit
Type
Function
Default
Bit 31
to
Bit 16
R
DEVID[15:0]
7367H
Bit 15
to
Bit 0
R
VNDRID[15:0]
11F8H
VNDRID[15:0]:
The VNDRID[15:0] bits identifies the manufacturer of the device. Valid vendor
identifiers are allocated by the PCI SIG.
DEVID[15:0]:
The DEVID[15:0] bits define the particular device. Valid device identifiers will
be specified by PMC-Sierra. The default value of DEVID[15:0] is that of the
FREEDM-32P32 device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More